Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • E5C2-R40J

  • AI
    The **E5C2-R40J** is a popular analog temperature controller manufactured by Omron. It is designed for DIN track mounting and is widely used in industrial heating systems due to its simplicity and reliability. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Input Type** | J-Type Thermocouple (Fe-CuNi) | | **Control Method** | ON/OFF or proportional (P) control | | **Output Type** | Relay Output (SPDT) | | **Supply Voltage** | Usually 100–120 VAC or 200–240 VAC (Model dependent) | | **Temperature Range** | Typically 0°C to 400°C (Standard model) | | **Setting Method** | Analog dial (Potentiometer) | | **Mounting** | 8-pin round socket (DIN rail or panel mount) | --- ### 2. Internal Electronic Components The E5C2-R40J is an analog-based controller. Unlike modern digital PID controllers, its internal architecture focuses on signal comparison: * **Comparator Circuit:** The core component that compares the millivolt signal from the J-type thermocouple against the reference voltage set by the front dial. * **Cold Junction Compensation:** Since thermocouples measure a temperature difference, the device includes internal circuitry to compensate for the ambient temperature at the controller's terminals. * **Electromechanical Relay:** The output stage usually features a robust relay capable of switching up to 3A at 250VAC (resistive load). * **Potentiometer:** A high-precision variable resistor connected to the front dial used to set the desired setpoint (SV). --- ### 3. Pin Configuration (8-Pin Socket) To integrate the E5C2-R40J, the wiring must follow the standard 8-pin layout: | Pin Number | Function | |:---:|:---| | **1 & 2** | Source Power (AC Input) | | **3, 4, 5** | Relay Output (Common, NO, NC) | | **7 (+), 8 (-)** | Thermocouple Input (J-Type) | --- ### 4. Operational Logic 1. **Measurement:** The J-type thermocouple sends a small voltage to pins 7 and 8. 2. **Comparison:** If the measured temperature is **below** the setpoint, the internal relay energizes (closing the circuit to the heater). 3. **Indication:** * **Red LED (OUT):** Lights up when the relay is active (heating). * **Power LED:** Indicates the unit is receiving power. 4. **Reset:** Once the temperature reaches the setpoint, the relay de-energizes (ON/OFF control). --- ### 5. Common Applications * **Packaging Machines:** Controlling heat-sealing bars. * **Plastic Extrusion:** Maintaining barrel temperatures. * **Ovens/Incubators:** Basic thermal regulation where precise digital PID ramp-soak is not required.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the temperature offset on an E5C2-R40J?
    • ⤷ What are the differences between J-type and K-type thermocouple versions of this controller?
    • ⤷ Can I use a Solid State Relay (SSR) with the R40J model?