Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • E5C2-R40PD

  • AI
    ## Overview of the OMRON E5C2-R40PD The **E5C2-R40PD** is a popular analog temperature controller manufactured by Omron. It is known for its simplicity, reliability, and compact DIN 48 x 48 mm size. Unlike digital PID controllers, this model uses a manual setting dial and a PD (Proportional-Derivative) control method. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Type** | Platinum Resistance Thermometer (Pt100) | | **Control Mode** | PD (Proportional-Derivative) Control | | **Output Type** | Relay Output (SPDT, 250 VAC, 3A) | | **Supply Voltage** | 100 to 240 VAC (50/60 Hz) | | **Mounting** | Panel Mount (Flush) or Socket Mount (8-pin) | | **Setting Method** | Analog Dial (Potentiometer) | | **Indicator** | LED status indicators for Power and Output | --- ### Electronic Components and Functions The internal circuitry of the E5C2-R40PD consists of several critical stages that manage the temperature regulation process: #### 1. Input Stage (Pt100 Interface) Since the unit uses a **Pt100** sensor, the input stage includes a bridge circuit to measure the resistance change of the platinum wire. As temperature rises, resistance increases. The controller converts this resistance into a voltage signal for comparison. #### 2. PD Control Circuitry Unlike simple ON/OFF controllers, the **PD control** logic minimizes "overshoot" (going past the target temperature). * **Proportional (P):** Reduces the power as the temperature approaches the set point. * **Derivative (D):** Reacts to the rate of temperature change to stabilize the system quickly. #### 3. Setting Dial (Potentiometer) The large front dial is an **analog potentiometer**. When you turn the dial, you change the reference voltage against which the sensor signal is compared. #### 4. Relay Output Stage The final stage is a mechanical **SPDT relay**. * When the measured temperature is below the set point, the relay energizes to turn on the heater. * It has a lifespan of approximately 100,000 operations under full load. --- ### Pin Configuration (8-Pin Circular Socket) | Pin Number | Function | | :--- | :--- | | **1, 8** | Power Supply (100-240 VAC) | | **3, 4, 5** | Relay Output (Common, NC, NO) | | **6, 7** | Sensor Input (Pt100 - A and B terminals) | | **2** | Sensor Input (Pt100 - B' terminal for compensation) | --- ### Comparison: E5C2-R (Relay) vs. E5C2-Q (Voltage) While your model is the **-R** (Relay output), it is often compared to the **-Q** (Voltage output for SSRs). * **R40PD:** Best for direct control of small loads or driving a large contactor. * **Q40PD:** Best for driving Solid State Relays (SSR) for high-frequency switching.
    ✨ Follow-up Questions
    • ⤷ How do I wire a 3-wire Pt100 sensor to the E5C2-R40PD?
    • ⤷What is the difference between PD control and standard ON/OFF control in this model?
    • ⤷Can the E5C2-R40PD be used with a Type K thermocouple?