AI

The **E5CD-RX2D6M-002** is a high-performance digital temperature controller belonging to Omron’s E5CD series. It is designed for precision control in industrial automation, featuring a compact 48x48 mm (1/16 DIN) chassis.
---
### ## Technical Specifications Overview
| Feature | Specification |
| :--- | :--- |
| **Input Power** | 24 VAC/VDC |
| **Control Output 1** | Relay Output (SPST-NO, 250 VAC, 3 A) |
| **Auxiliary Outputs** | 2 Independent Relay Outputs |
| **Input Type** | Multi-input (Thermocouple, PT100, Infrared, or Analog) |
| **Sampling Period** | 50 ms (High-speed processing) |
| **Terminal Type** | Screw terminals |
---
### ### Key Electronic Components and Features
#### 1. Microcontroller & PID Engine
The core of the E5CD is its high-speed processor capable of a **50 ms sampling cycle**. It utilizes **2-PID control** (Two-degrees-of-freedom PID) which allows the unit to optimize both response to setpoint changes and disturbance rejection simultaneously.
#### 2. Universal Sensor Input
The electronics are designed to interface with a wide variety of industrial sensors without hardware modification:
* **Temperature Sensors:** Thermocouples (K, J, T, E, L, U, N, R, S, B, W, or PL II) and Platinum Resistance Thermometers (Pt100, JPt100).
* **Analog Inputs:** Current (4 to 20 mA, 0 to 20 mA) or Voltage (1 to 5 V, 0 to 5 V, 0 to 10 V).
#### 3. Control & Auxiliary Outputs
* **Relay Output (RX):** The "R" in the model name indicates a Relay output. This is a mechanical relay capable of switching loads up to 3A at 250VAC.
* **Event Inputs/Outputs:** The "2" indicates two auxiliary outputs, typically used for high/low temperature alarms or system error signaling.
#### 4. Display and Interface
The unit features a high-contrast VA (Vertical Alignment) LCD display:
* **PV (Process Value):** White (highly visible).
* **SV (Set Value):** Green.
* **Status Indicators:** Indicate output state, ALM (alarm), and adaptive control status.
---
### ### Advanced Electronic Functions
* **Adaptive Control:** The E5CD includes algorithms that automatically calculate the optimal PID constants. It can detect changes in the controlled system and adjust itself accordingly.
* **Water-Resistance:** The front panel is rated **IP66**, meaning the electronic display and buttons are protected against powerful water jets and dust.
* **Safety Standards:** Built-in protection against electrical noise and surge, compliant with UL/CSA and CE marking standards.
---
- ⤷What is the difference between the Relay (RX) and Voltage (QX) output models?
- ⤷ How do I wire the 24VDC power supply to this specific model?
- ⤷ Can the E5CD-RX2D6M-002 communicate via Modbus RS-485?