AI

The **E5CS-R1GU-W** is a digital temperature controller manufactured by Omron. It belongs to the E5CS series, known for being compact, easy to set up via DIP switches, and reliable for basic industrial heating and cooling applications.
Below is a detailed breakdown of its electronic components, specifications, and features.
---
### 1. Technical Specifications
The model name "E5CS-R1GU-W" provides specific details about its electronic interface:
| Specification | Detail |
| :--- | :--- |
| **Control Type** | ON/OFF or P (Proportional) control |
| **Input Type** | Thermocouple (Type K, J, L) or Platinum Resistance Thermometer (Pt100, JPt100) |
| **Output Type** | **Relay Output** (SPDT, 250 VAC, 3A) |
| **Power Supply** | 100 to 240 VAC, 50/60 Hz |
| **Size** | 1/16 DIN (48 x 48 mm) |
| **Display** | 3.5-digit LED (Red) |
| **Terminal Type** | Screw terminals (Rear) |
---
### 2. Key Electronic Components & Interfaces
#### A. Input Section (Sensor Interface)
This part of the circuit processes the millivolt signals from temperature sensors.
* **Multi-Input:** It features a universal input design. You select the sensor type (K-type thermocouple vs. Pt100) using internal **DIP switches**.
* **Cold Junction Compensation:** For thermocouples, the unit includes an internal thermistor to compensate for the ambient temperature at the terminal block.
#### B. Control Logic (The Processor)
* The device uses an integrated microcontroller (MCU) to compare the **Process Value (PV)** from the sensor against the **Set Value (SV)**.
* The logic can be toggled between simple **ON/OFF control** (best for large thermal masses) or **Proportional (P) control** (best for preventing overshoot).
#### C. Output Section (The Relay)
* **Mechanical Relay:** The "R" in the model name indicates a relay output.
* **Switching Capacity:** It acts as a dry contact switch capable of handling 3 Amps at 250 VAC.
* **Life Expectancy:** Mechanically, it is rated for roughly 10 million operations; electrically, it lasts for about 100,000 operations at rated load.
#### D. User Interface (Front Panel)
* **8-segment LED:** Displays the current temperature.
* **Rotary/Push Switches:** Used to adjust the Set Point.
* **Status Indicators:** LEDs that show "OUT" (when the heater is on) and "ALM" (if an alarm condition is met).
---
### 3. Wiring Configuration
The back of the unit features a terminal block usually numbered 1 through 11.
```text
Terminals 1-2: Power Supply (100-240 VAC)
Terminals 3-5: Relay Output (Common, NO, NC)
Terminals 7-9: Input (Sensor connection)
Terminals 10-11: Alarm Output (If applicable)
```
---
### 4. Setting the Device (DIP Switches)
Behind the front bezel or on the side, there are DIP switches used to configure the electronics without needing software:
1. **Switch 1-3:** Selects the temperature range and sensor type.
2. **Switch 4:** Toggles between °C and °F.
3. **Switch 5:** Toggles between Direct (Cooling) and Reverse (Heating) action.
4. **Switch 6:** Selects ON/OFF vs. Proportional control.
- ⤷
What is the difference between the Relay output and the SSR output version of this controller?
- ⤷ How do I wire a K-type thermocouple to the E5CS-R1GU-W?
- ⤷ Can this controller be used for a cooling application instead of heating?