AI

## Omron E5CZ-R2MT Temperature Controller Overview
The **E5CZ-R2MT** is a 1/16 DIN (48x48 mm) digital temperature controller manufactured by Omron. It is part of the E5CZ series, designed for basic heating/cooling control with high visibility and reliability.
---
### 1. Key Technical Specifications
The following table outlines the primary electronic and physical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Input Type** | Multi-input (Thermocouple, PT100, Infrared sensor, Analog voltage/current) |
| **Control Output** | Relay output (SPST-NO, 250 VAC, 3 A) |
| **Auxiliary Outputs** | 2 Alarm outputs (Relay) |
| **Supply Voltage** | 100 to 240 VAC, 50/60 Hz |
| **Sampling Period** | 250 ms |
| **Display Type** | 11-segment digital display (3-color change functionality) |
| **Size** | 1/16 DIN (48 x 48 x 78 mm) |
---
### 2. Electronic Component Breakdown
The device consists of several internal electronic subsystems that work together to manage thermal processes:
#### A. Input Section (Sensor Interface)
This section uses high-precision Analog-to-Digital Converters (ADC). It is "multi-input," meaning it can be programmed to read:
* **Thermocouples:** K, J, T, E, L, U, N, R, S, B, W, or PL II.
* **RTDs:** Pt100 or JPt100.
* **Analog:** 4 to 20 mA, 0 to 20 mA, 1 to 5 V, 0 to 5 V, or 0 to 10 V.
#### B. Control Logic (The CPU)
The internal microcontroller executes the control algorithm. The E5CZ supports:
* **ON/OFF Control:** Simple switching based on setpoint.
* **PID Control:** Uses Proportional, Integral, and Derivative math to prevent overshoot and maintain stability. It features **2-PID control**, which optimizes response for both setpoint changes and external disturbances.
#### C. Output Section (The "R" in R2MT)
The **"R"** designation indicates a **Relay Output**.
* **Function:** This is a mechanical switch (Relay) used to drive a contactor or a small heater directly.
* **Life Expectancy:** Mechanical relay outputs have a finite life (typically 100,000 operations at rated load), making them better suited for slow-cycle processes compared to SSR (Solid State Relay) outputs.
#### D. Alarm Outputs (The "2" in R2MT)
The **"2"** signifies two auxiliary relay outputs. These can be configured for:
* High/Low temperature deviations.
* Sensor error alerts.
* Loop break alarms.
---
### 3. Wiring Configuration
To interface with the electronics, the back of the unit uses screw terminals. Below is a simplified representation of the wiring logic:
```text
Terminals 1-2: Power Supply (100-240 VAC)
Terminals 3-5: Control Output (Relay: COM, NO)
Terminals 7-10: Auxiliary Outputs (Alarms 1 and 2)
Terminals 11-14: Input Sensor (Thermocouple or RTD)
```
---
### 4. Special Features
* **3-Color Display:** The PV (Process Value) can change color (Red, Green, Orange) based on status, allowing operators to see if a system is "in range" from a distance.
* **Protection:** The front panel is IP66 rated, meaning it is protected against dust and water jets.
- ⤷What is the difference between the R2MT and the Q2MT models?
- ⤷ How do I perform auto-tuning on the E5CZ?
- ⤷ Can I use this controller with a 24V DC power supply?