AI

The **E5CZ-R2MTD** is a high-performance digital temperature controller manufactured by Omron. It is part of the E5CZ series, designed for industrial automation applications requiring precise PID control.
---
## 1. Core Technical Specifications
The model name "E5CZ-R2MTD" defines its internal electronic configuration:
| Component | Specification | Description |
| :--- | :--- | :--- |
| **Power Supply** | 24 VAC/VDC | Low voltage DC/AC operation. |
| **Control Output** | Relay Output | SPST-NO, 250 VAC, 3 A (resistive load). |
| **Auxiliary Outputs** | 2 Alarm Outputs | Independent relay outputs for safety or signaling. |
| **Input Type** | Multi-input | Thermocouple, RTD (Pt100), or Analog (V/mA). |
| **Size** | 1/16 DIN | 48 x 48 mm front panel mount. |
---
## 2. Key Electronic Components & Features
### A. Control Engine (The "Brain")
The device utilizes a **Microprocessor-based PID controller**. It features:
* **2-PID Control:** Unlike standard PID, this uses a dual-algorithm approach to minimize overshoot while maintaining fast response to disturbances.
* **Auto-tuning:** The electronics can calculate the optimal Proportional (P), Integral (I), and Derivative (D) constants by analyzing the system's thermal lag.
### B. Input Signal Conditioning
The input stage is highly versatile. It uses high-precision A/D (Analog-to-Digital) converters to handle:
* **Thermocouples:** K, J, T, E, L, U, N, R, S, B, W.
* **RTDs:** Pt100 or JPt100.
* **Analog signals:** 4–20mA or 0–10V (using an external shunt resistor if necessary).
### C. Output Mechanisms
* **Main Relay (R):** An electromechanical relay that physically opens and closes the circuit to the heater or cooler.
* **Sampling Period:** The internal electronics sample the input every **250 ms**, allowing for rapid adjustments to the power output.
---
## 3. Wiring Terminal Layout
The back of the unit features a screw-terminal block. A typical electronic hookup follows this logic:
```text
Terminals 1-2: Power Supply (24V AC/DC)
Terminals 3-5: Control Output (Relay)
Terminals 6-8: Auxiliary Outputs (Alarms 1 & 2)
Terminals 10-12: Sensor Inputs (RTD/Thermocouple)
```
---
## 4. Operational Protection
The electronic design includes several safety features:
1. **Non-volatile Memory (EEPROM):** Retains settings and parameters even during power loss (up to 1,000,000 rewrites).
2. **Sensor Break Detection:** Automatically triggers an error if the thermocouple or RTD circuit is opened.
3. **Hysteresis Control:** Prevents "chattering" of the mechanical relay by setting a buffer zone around the set point.
---
- ⤷
What is the difference between the R2MTD and the Q2MTD models?
- ⤷ How do I wire a 3-wire Pt100 RTD to this controller?
- ⤷ Can this controller be used for cooling applications instead of heating?