Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • EBACT

  • AI
    It appears you are referring to **EBAC (Electronic Beam Active Control)** or systems related to **Electron Beam Additive Manufacturing (EBAM)**. In these systems, the electronic components are designed to manage high-voltage power, precise magnetic deflection, and vacuum stability. --- ### Core Electronic Components of an EBAC System The electronics in these systems are divided into three main functional groups: the Beam Generation unit, the Deflection system, and the Control/Monitoring unit. | Component Group | Key Parts | Function | | :--- | :--- | :--- | | **Beam Generation** | High Voltage Tank, Filament, Grid Cup | Generates and accelerates the electron stream. | | **Electromagnetic Lenses** | Focus Coils, Deflection Coils | Uses magnetic fields to shape and move the beam. | | **Power Management** | Inverters, Transformers | Converts mains power to stable DC (often >60kV). | | **Control System** | PLC, FPGA, Sensors | Manages the high-speed logic and real-time feedback. | --- ### Detailed Breakdown of Parts #### 1. The Electron Gun Assembly This is the heart of the system. It consists of: * **Cathode (Filament):** Usually made of Tungsten or Tantalum. When heated via a low-voltage circuit, it emits electrons (thermionic emission). * **Grid Cup (Bias):** A negative voltage is applied here to control the flow and "gate" the beam on and off. * **Anode:** Deeply grounded to create a massive potential difference that pulls electrons toward the target at high speeds. #### 2. Magnetic Deflection & Focusing Since electrons are charged particles, they can be manipulated by magnetic fields: * **Focusing Coil:** An electromagnetic lens that converges the electron beam to a fine point (spot size). * **Deflection Yoke:** Similar to an old CRT television, these coils use high-speed DACs (Digital-to-Analog Converters) to move the beam across the work surface in X and Y axes. #### 3. High-Voltage Power Supply (HVPS) The HVPS must be extremely stable. Even a 0.1% fluctuation in voltage can cause the beam to defocus or deviate, leading to manufacturing defects. It includes: * **Rectifiers:** To convert AC to high-voltage DC. * **Insulation:** Usually oil-filled or resin-potted tanks to prevent electrical arcing. #### 4. Vacuum Control Electronics Electron beams cannot travel through air (they would collide with gas molecules). * **Vacuum Gauges:** Pirani or Penning sensors that provide analog feedback to the controller. * **Turbo-molecular Pump Controllers:** Manage the high-speed rotation of pumps to maintain a vacuum of $10^{-4}$ mbar or lower. --- ### System Integration Example (Logic Flow) ```mermaid graph LR A[CNC/Logic Controller] --> B[DAC Card] B --> C[Deflection Amplifier] C --> D[Magnetic Coils] A --> E[HV Control] E --> F[Electron Gun] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between EBAC and Laser-based additive manufacturing electronics?
    • ⤷ How does the bias voltage control the beam intensity?
    • ⤷ What are the common failure points in high-voltage tanks for electron beams?