EBS-4E-R
AI

The **EBS-4E-R** is an expansion board typically used in industrial automation, specifically within the **Hitachi S10mini** or **S10V** programmable logic controller (PLC) ecosystems. It serves as a remote I/O interface or an expansion station adapter.
Below is a breakdown of its electronic components and technical characteristics.
---
### 1. Core Hardware Specifications
The EBS-4E-R acts as a bridge between the central processing unit (CPU) and the remote expansion racks.
| Feature | Specification |
| :--- | :--- |
| **Model Number** | EBS-4E-R |
| **Type** | Expansion Bus Station / Remote I/O Adapter |
| **Communication Protocol** | Proprietary High-speed Expansion Bus |
| **Connectivity** | Multi-pin connectors for Ribbon or Shielded cables |
| **Power Consumption** | Typically low (powered via the backplane or external DC) |
---
### 2. Key Electronic Sections
#### A. Bus Interface Circuits
The primary function of the EBS-4E-R is signal translation. It contains:
* **Transceivers:** High-speed differential line drivers/receivers to ensure signal integrity over the expansion distance.
* **Termination Resistors:** These prevent signal reflection on the high-frequency communication lines between racks.
#### B. Logic and Control
* **ASIC/FPGA Components:** Usually contains a custom Hitachi integrated circuit designed to manage bus timing and synchronization.
* **Address Mapping:** Dip switches or rotary switches are often found on the PCB to set the station number (addressing) within the PLC network.
#### C. Protection and Isolation
* **Optocouplers:** Many versions include optical isolation to protect the main CPU rack from electrical surges originating in the remote expansion racks.
* **Filtering Capacitors:** Decoupling capacitors are placed near the ICs to minimize electromagnetic interference (EMI).
---
### 3. Connection and Installation
The board is designed to slide into a specific slot on the PLC backplane (Base Unit).
* **Front Panel Connectors:** Used for the "OUT" and "IN" cables that daisy-chain multiple racks together.
* **Status LEDs:**
* **RUN:** Indicates the module is powered and operational.
* **ERR/ALM:** Indicates a communication failure or hardware fault.
---
### 4. Application Context
The EBS-4E-R is essential when the physical number of I/O modules exceeds the capacity of a single base rack. It allows the system to scale by adding up to 4 or 8 additional racks (depending on the CPU model) located at a distance from the main controller.
- ⤷
What are the compatible cable types for the EBS-4E-R expansion bus?
- ⤷ How do you set the station address on an EBS-4E-R module?
- ⤷ What is the maximum distance allowed between the CPU and the EBS-4E-R station?