Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • EC103C

  • AI
    ## EC103C: Sensitive Gate Silicon Controlled Rectifier (SCR) The **EC103C** is a P-gate, reverse-blocking, sensitive gate Silicon Controlled Rectifier (SCR) primarily used in low-power switching and phase control applications. It is designed to be triggered by very low levels of input current. --- ### 1. Key Technical Specifications Below is a summary of the typical electrical characteristics for the EC103C. | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Peak Repetitive Off-State Voltage** | $V_{DRM}$ | 600V | | **On-State RMS Current** | $I_{T(RMS)}$ | 0.8A | | **Gate Trigger Current** | $I_{GT}$ | 12μA to 200μA | | **Gate Trigger Voltage** | $V_{GT}$ | 0.8V | | **Holding Current** | $I_H$ | 5mA | | **Package Type** | - | TO-92 | --- ### 2. Physical Pin Configuration The EC103C usually comes in a standard **TO-92** plastic package. Looking at the flat side with the leads pointing down, the pinout is generally as follows: 1. **Cathode (K):** Connected to the negative side of the circuit. 2. **Gate (G):** The control terminal used to trigger the SCR. 3. **Anode (A):** Connected to the positive side of the load/source. --- ### 3. Functional Features * **Sensitive Gate:** Because it requires a very low current (micro-amps) to trigger, it can be driven directly by logic gates, microcontrollers, or low-power sensors. * **Uni-directional:** Like all SCRs, it acts as a diode that only conducts from Anode to Cathode once triggered. * **Latching:** Once the gate receives a pulse and the SCR starts conducting, it remains "ON" even if the gate signal is removed, until the current through the Anode-Cathode falls below the **Holding Current ($I_H$)**. --- ### 4. Common Applications * **Ignition Circuits:** Used in small engine ignitions or gas igniters. * **Sensing Circuits:** Leakage detectors, smoke alarms, or security sensors where a small signal must trigger a larger alarm. * **Power Control:** Low-power motor speed control or light dimming. * **Protection:** Over-voltage protection (crowbar circuits) in power supplies. --- ### 5. Implementation Example (Pseudocode logic) To turn on the EC103C using a microcontroller: ```cpp // Pseudocode for triggering EC103C void triggerSCR() { digitalWrite(GATE_PIN, HIGH); // Send >200uA to the Gate delay(10); // Brief pulse digitalWrite(GATE_PIN, LOW); // SCR remains ON until Anode current stops } ```
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents or replacements for the EC103C?
    • ⤷ How do I calculate the gate resistor for a 5V microcontroller signal?
    • ⤷ What is the difference between an SCR like EC103C and a TRIAC?