Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • EC36-R39M

  • AI
    The **EC36-R39M** is a high-performance, surface-mount (SMD) power inductor, commonly used in automotive and industrial electronic circuits. It belongs to a category of high-current, molded power chokes designed for reliability in harsh environments. --- ## 1. Core Technical Specifications The part number "R39M" typically indicates an inductance value of **0.39µH** with a specific tolerance. | Parameter | Typical Value | | :--- | :--- | | **Inductance** | 0.39 µH | | **Tolerance** | ±20% (M) | | **DC Resistance (DCR)** | Extremely Low (typically < 2.0 mΩ) | | **Saturation Current ($I_{sat}$)** | Very High (often > 30A depending on package size) | | **Operating Temperature** | -55°C to +125°C or +150°C | | **Material** | Metal Alloy / Carbonyl Powder | --- ## 2. Key Electronic Features Inductors like the EC36-R39M are engineered for specific electronic behaviors: ### A. Magnetic Shielding The component is **magnetically shielded**. This is achieved by molding the coil inside a metallic powder composite. This construction minimizes Electromagnetic Interference (EMI) with neighboring components on the PCB. ### B. Soft Saturation Unlike traditional ferrite cores that lose inductance abruptly when current limits are exceeded, the alloy material in the EC36 series allows for "soft saturation." The inductance drops gradually, which prevents sudden current spikes in the power supply. ### C. Low DCR (DC Resistance) The use of flat-wire or heavy-gauge copper internal windings ensures that power loss (in the form of heat) is kept to a minimum, increasing the overall efficiency of the Voltage Regulator Module (VRM). --- ## 3. Applications The EC36-R39M is primarily used in DC-DC converters where high efficiency and high current handling are required: 1. **Automotive Electronics:** Powering ADAS sensors, infotainment systems, and Engine Control Units (ECUs). 2. **Computing:** High-speed server CPUs and GPU power phases. 3. **Industrial:** High-current point-of-load (POL) converters. --- ## 4. Part Number Breakdown While manufacturer prefixes vary (e.g., Cyntec, Vishay, or Bourns), the standard nomenclature usually follows this logic: ```text EC 36 - R39 M | | | | | | | +-- Tolerance (M = ±20%) | | +----- Inductance Value (R39 = 0.39 µH) | +---------- Package Size Code (roughly 3.6mm to 4.0mm footprint) +-------------- Series / Manufacturer Code ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the EC36-R39M?
    • ⤷ How does 'soft saturation' improve circuit stability compared to ferrite cores?
    • ⤷ Which manufacturers produce equivalents for the EC36 series?