AI

The part number **ECOG2DP153D** corresponds to a high-performance **Aluminum Electrolytic Capacitor**, typically manufactured by companies like **United Chemi-Con (UCC)**. This specific series is designed for high-reliability industrial applications.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 15,000 µF (15mF) |
| **Voltage Rating** | 200 VDC |
| **Tolerance** | ±20% (M) |
| **Temperature Range** | -40°C to +85°C |
| **Termination Style** | Screw Terminals (Bolt-on) |
| **Case Size (Approx)** | Large Can (e.g., 63.5mm x 110mm) |
| **Life Cycle** | ~2,000 to 5,000 hours at rated temp |
---
### 2. Breakdown of Part Number (Nomenclature)
Most industrial capacitors follow a specific naming convention. While exact prefixes vary by brand, the code generally breaks down as follows:
* **ECOG**: Series identifier (often denotes high ripple current, long life, or screw terminal type).
* **2D**: Voltage code (2D usually represents **200 Volts**).
* **P**: Case size or terminal configuration code.
* **153**: Capacitance value in picofarads ($15 \times 10^3$ µF). The first two digits are the value, the third is the multiplier.
* **D**: Tolerance or mounting style code.
---
### 3. Key Features
* **High Ripple Current Handling:** Designed to manage large fluctuations in current without overheating, making it ideal for power conversion.
* **Large Energy Storage:** With 15,000 µF at 200V, this capacitor stores a significant amount of energy ($E = \frac{1}{2}CV^2$).
* **Screw Terminals:** Provides a secure, low-resistance connection capable of handling high amperage, common in heavy-duty machinery.
---
### 4. Common Applications
Due to its high capacitance and voltage rating, the ECOG2DP153D is used in:
1. **Uninterruptible Power Supplies (UPS):** For energy buffering and filtering.
2. **Inverters & Motor Drives:** Used as a DC-link capacitor to smooth the voltage bus.
3. **Welding Equipment:** To provide the high-current pulse needed for arc welding.
4. **Renewable Energy:** Filtering in solar or wind power converters.
---
- ⤷
What are the equivalent replacement parts from other manufacturers like Nichicon or TDK?
- ⤷ How do I calculate the ripple current limit for this specific capacitor?
- ⤷ What is the shelf life of this capacitor if it is not powered on?