ECOS2DB391BA
AI

The part number **ECOS2DB391BA** refers to a high-quality **Aluminum Electrolytic Capacitor** manufactured by **Panasonic**. This specific component belongs to the TS-HB series (or similar snap-in series), designed for high-voltage and power supply applications.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of the ECOS2DB391BA:
| Characteristic | Specification |
| :--- | :--- |
| **Capacitance** | 390 µF (Microfarads) |
| **Voltage Rating** | 200V DC |
| **Tolerance** | ±20% |
| **Temperature Range** | -40°C to +105°C |
| **Endurance (Life)** | 3,000 hours at 105°C |
| **Termination Style** | Snap-In (2 Pins) |
| **Mounting Type** | Through Hole |
| **Case Size** | Approximately 22mm (Dia) x 30mm (Length) |
---
### 2. Breakdown of the Part Number
Panasonic uses a specific nomenclature for their electrolytic capacitors. Here is how the code is structured:
* **ECO**: Prefix for Panasonic Electrolytic Capacitors.
* **S2D**: Represents the **Voltage Rating** (2D usually corresponds to 200V).
* **B**: Often indicates the series or specific case size/lead configuration.
* **391**: The **Capacitance Code**. The first two digits (39) are the significant figures, and the third (1) is the multiplier ($10^1$). So, $39 \times 10 = 390$ µF.
* **BA**: Refers to the physical packaging and case dimensions.
---
### 3. Key Features & Applications
#### Key Features:
* **High Ripple Current:** Designed to handle significant AC current superimposed on the DC voltage.
* **Snap-In Terminals:** The leads are shaped to "snap" into a PCB, holding the component in place for soldering.
* **Compact Size:** High capacitance-to-volume ratio.
#### Common Applications:
1. **Switch Mode Power Supplies (SMPS):** Used as a bulk storage/smoothing capacitor on the primary side.
2. **Inverters:** Filtering DC buses in motor drives or solar inverters.
3. **Industrial Electronics:** General-purpose rectification and energy storage in 110V/220V systems.
---
### 4. Comparison with Similar Parts
| Feature | ECOS2DB391BA | Standard General Purpose |
| :--- | :--- | :--- |
| **Temp Rating** | 105°C (High Temp) | 85°C |
| **Lead Type** | Snap-In (Sturdy) | Radial (Wire leads) |
| **Application** | Power Electronics | Consumer Electronics |
---
- ⤷
What is the significance of the 105°C rating compared to the 85°C rating in power supplies?
- ⤷ Are there direct drop-in equivalents from other manufacturers like Nichicon or United Chemi-Con?
- ⤷ How does the 'Snap-In' design affect the PCB layout requirements?