ED-PI400EXT-R
AI

## Overview of ED-PI400EXT-R Electronic Components
The **ED-PI400EXT-R** is a specialized I/O expansion board designed specifically for the **Raspberry Pi 400**. Because the Raspberry Pi 400 has its GPIO header located at the rear, this expansion board functions as a bridge to make those pins more accessible and to provide additional protection and signal routing for industrial or maker projects.
---
### 1. Primary Electronic Components
The board consists of several key layers of hardware to ensure stable signal transmission and ease of use:
| Component Type | Description | Function |
| :--- | :--- | :--- |
| **40-Pin GPIO Header** | A standard 2.54mm pitch male header. | Replicates the Raspberry Pi 400's pinout for HAT compatibility. |
| **Ribbon Cable Interface** | A high-density connector/cable. | Bridges the physical gap between the Pi 400 rear port and the expansion board. |
| **Protection Diodes** | ESD (Electrostatic Discharge) protection. | Protects the Pi 400's SoC from static shocks when handling pins. |
| **Decoupling Capacitors** | Small ceramic capacitors. | Filters noise on the 3.3V and 5V power rails to ensure stable logic levels. |
| **Terminal Blocks** | Screw-down or spring-loaded terminals. | Allows for secure, permanent wiring of sensors and actuators without soldering. |
---
### 2. Physical Layout & Design
The electronic design of the ED-PI400EXT-R focuses on **Signal Integrity** and **Ergonomics**:
* **Right-Angle Connection:** The board typically utilizes a right-angle connector to allow the ribbon cable to sit flush against the Raspberry Pi 400 casing.
* **Labeled Silkscreen:** Every pin is clearly labeled (e.g., GPIO 17, SDA, SCL, GND) on the PCB surface to prevent wiring errors.
* **Breadboard Compatibility:** The physical footprint is often designed to sit flat on a desk, acting as a stable breakout workstation.
---
### 3. Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Compatibility** | Raspberry Pi 400 (only) |
| **Input Voltage** | 5V DC (via Pi 400) |
| **Interface** | 40-pin GPIO (standard) |
| **Mounting** | Pre-drilled holes for M2.5 standoffs |
---
### 4. Use Cases for this Part
1. **Industrial Prototyping:** Connecting the Pi 400 to PLC-style inputs/outputs.
2. **Education:** Allowing students to access pins without reaching behind the keyboard.
3. **Hardware Testing:** Repeatedly plugging and unplugging components into the expansion board instead of the Pi 400 itself (preventing wear on the main unit).
- ⤷Does the ED-PI400EXT-R support external power injection for high-draw peripherals?
- ⤷ Is there a version of this board with built-in ADC converters?
- ⤷ How does the ribbon cable affect high-speed signals like SPI or I2C?