EDB152S
AI

## Overview of EDB152S
The **EDB152S** is a specific model of a **Miniature Surface Mount Bridge Rectifier**. It is designed to convert alternating current (AC) into direct current (DC) by using a four-diode bridge configuration within a single compact package.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the EDB152S:
| Parameter | Specification |
| :--- | :--- |
| **Device Type** | Single-Phase Bridge Rectifier |
| **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 200 Volts |
| **Maximum RMS Voltage ($V_{RMS}$)** | 140 Volts |
| **Maximum Average Forward Rectified Current ($I_{F(AV)}$)** | 1.5 Amperes |
| **Peak Forward Surge Current ($I_{FSM}$)** | 50 Amperes (8.3ms half sine-wave) |
| **Operating Junction Temperature Range** | -55°C to +150°C |
| **Package Type** | DBS (Surface Mount) |
---
### 2. Physical Construction and Pinout
The EDB152S is housed in a **DBS (or DFS)** surface-mount package. It features four leads arranged for easy integration onto a Printed Circuit Board (PCB).
* **AC Pins (~):** Two pins serve as the input for the alternating current.
* **Positive Pin (+):** The DC output terminal for positive polarity.
* **Negative Pin (-):** The DC output terminal for negative polarity/ground.
### 3. Core Functional Features
* **Glass Passivated Junction:** The internal diode chips are treated with a glass layer to ensure high reliability and stability against moisture and contaminants.
* **High Surge Capacity:** It can withstand a momentary current spike of up to 50A, protecting the circuit during power-up.
* **Low Forward Voltage Drop:** Typically around 1.1V at 1.5A, which minimizes power loss and heat generation.
* **Small Footprint:** Ideal for space-constrained applications like wall adapters and LED drivers.
---
### 4. Common Applications
The EDB152S is typically found in the input stage of power supply circuits:
1. **AC/DC Adapters:** Used in chargers for laptops, phones, and small electronics.
2. **LED Lighting:** Acts as the primary rectification stage for LED bulbs and drivers.
3. **Switch Mode Power Supplies (SMPS):** Converts the mains AC voltage into a high-voltage DC bus.
4. **Consumer Electronics:** Powering small home appliances that require internal DC rails.
- ⤷
What is the difference between the EDB152S and the EDB157S models?
- ⤷ Can the EDB152S be used in high-frequency switching applications?
- ⤷ What are the recommended heat dissipation techniques for this surface mount component?