EE-SX910P-R
AI

The **EE-SX910P-R** is a high-performance, photo-microsensor (u-shaped slot sensor) manufactured by **Omron**. It is widely used in industrial automation for position sensing, limit switching, and object detection.
---
### 1. Technical Specifications
The "P" in the model name indicates **PNP output**, and the "R" indicates a **Robot Cable** (flexible cable) for high-durability applications.
| Feature | Specification |
| :--- | :--- |
| **Sensing Method** | Transmissive (Through-beam) |
| **Slot Width** | 5 mm |
| **Output Type** | PNP Open Collector |
| **Operating Mode** | Dark-ON / Light-ON (Selectable via wiring) |
| **Supply Voltage** | 5 to 24 VDC |
| **Response Frequency** | 1 kHz min. (3 kHz average) |
| **Indicator** | Incident Light LED (Red) |
| **Cable Type** | 1m Flexible Robot Cable |
---
### 2. Electronic Internal Structure
The device consists of two main electronic components housed in a U-shaped plastic body:
1. **Infrared LED (Emitter):** Located on one side of the slot. It emits a constant beam of infrared light.
2. **Phototransistor (Receiver):** Located on the opposite side. It detects the presence or absence of the IR beam.
3. **Output Circuitry:** Contains an internal transistor switch (PNP) that toggles based on whether the light path is broken by an object.
---
### 3. Wiring and Pinout
The EE-SX910P-R typically uses a 3-wire or 4-wire configuration. Proper wiring is essential to prevent short-circuiting the PNP output.
| Wire Color | Function | Connection |
| :--- | :--- | :--- |
| **Brown** | VCC | Connect to +5V to +24V DC |
| **Blue** | GND (0V) | Connect to Power Supply Ground |
| **Black** | Output | PNP Load (Connect to PLC Input or Relay) |
| **Pink** | Mode Selection | Connect to VCC or Open to toggle Light-ON/Dark-ON |
---
### 4. Key Advantages
* **High Speed:** With a response frequency of up to 3 kHz, it is suitable for high-speed counting or motor encoding.
* **Durability:** The "R" suffix specifies a robot cable, which is designed to withstand millions of bending cycles in moving machinery.
* **Compact Design:** The built-in amplifier eliminates the need for external controllers, making it ideal for tight spaces.
---
### 5. Application Example (Logic)
In a **PNP configuration**, when the sensor is triggered:
1. The internal switch closes.
2. The **Black (Output) wire** outputs the positive supply voltage (VCC).
3. The load (e.g., a PLC) senses a "High" signal.
```python
# Conceptual Logic for a PNP Sensor Input
if sensor_output == HIGH:
print("Object Detected (Dark-ON mode)")
else:
print("Path Clear")
```
- ⤷
How do I switch between Light-ON and Dark-ON modes using the wiring?
- ⤷ What is the difference between the EE-SX910P-R and the EE-SX910-R (non-P version)?
- ⤷ What are the mounting precautions to avoid interference from ambient light?