EE-SX913P-R
AI

The **EE-SX913P-R** is a high-performance, photo-microsensor (u-shaped slot sensor) manufactured by **Omron**. It is specifically designed for industrial automation where space is limited and high reliability is required.
---
### 1. Technical Specifications
Below are the primary electronic and physical specifications for the device:
| Feature | Specification |
| :--- | :--- |
| **Sensing Method** | Transmissive (Slot-type) |
| **Slot Width** | 5 mm |
| **Output Type** | PNP Open Collector |
| **Operation Mode** | Light-ON / Dark-ON (Selectable via wiring) |
| **Supply Voltage** | 5 to 24 VDC ±10% |
| **Current Consumption** | Max. 15 mA |
| **Response Frequency** | 3 kHz (High speed) |
| **Indicator** | Red LED (Incident light indicator) |
| **Cable Type** | Robot Cable (High-flexibility) |
---
### 2. Key Electronic Components & Wiring
The device operates using an infrared LED emitter and a phototransistor receiver facing each other across a 5mm gap.
#### Output Configuration (PNP)
Since this is the **"P"** version, it features a **PNP Open Collector** output.
- When the sensor is triggered, the output pin connects to the **Positive (Vcc)** rail.
- This is commonly used in European industrial standards and with PLC inputs that are "Sinking."
#### Wiring Diagram Logic
The sensor usually features four wires or pins:
1. **Brown:** Plus (+V) - 5 to 24 VDC.
2. **Blue:** Minus (0V) - Common.
3. **Black:** Output - Connects to the load/PLC.
4. **Pink:** Mode Selection - Connect to +V for L-ON or 0V/Open for D-ON.
---
### 3. Distinctive Features
* **Robot Cable (-R):** The "-R" suffix indicates that the sensor is equipped with a vibration-resistant and bend-resistant "Robot Cable," making it ideal for moving parts like robotic arms or CNC heads.
* **Built-in Protection:** It includes noise immunity circuits and protection against power supply reverse polarity.
* **Compact Form Factor:** The R-shape (Right-angle) mounting allows for low-profile installation in tight mechanical assemblies.
---
### 4. Implementation Example (Basic Circuit)
```cpp
// Example: Connecting EE-SX913P-R Output to a PLC/Controller
// [Brown] ----> +24V
// [Blue] ----> 0V
// [Black] ----> PLC Input (PNP Input)
// [Pink] ----> +24V (For Light-ON mode)
```
- ⤷
What is the difference between the EE-SX913P-R and the NPN version?
- ⤷ How do I wire the Pink wire to switch between Light-ON and Dark-ON modes?
- ⤷ What is the maximum bending radius for the 'Robot Cable' used in this sensor?