AI

## Detailed Overview of the EE2-5SNUN-R6
The **EE2-5SNUN-R6** is a high-performance, miniature signal relay manufactured by **KEMET** (formerly NEC/Tokin). It belongs to the EE2 series, which is widely recognized for its compact size, high reliability, and low power consumption.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Contact Form** | 2 Form C (DPDT - Double Pole Double Throw) |
| **Coil Voltage (Nominal)** | 5 VDC |
| **Configuration** | Single Coil Latching (Memory Type) |
| **Contact Rating** | 30W, 62.5VA (Max 220VDC / 250VAC) |
| **Contact Current** | 2A (Max) |
| **Mounting Type** | Surface Mount Device (SMD) |
| **Terminal Shape** | Standard SMT (Gull-wing) |
| **Package/Case** | 8-pin Gull-wing |
---
### 2. Specialized Electronic Features
* **Latching Mechanism:** Unlike standard non-latching relays that require continuous power to stay engaged, the **EE2-5SNUN** is a **single-coil latching** type. It only requires a brief pulse of current to flip the switch state and stays in that position without further power.
* **High Dielectric Strength:** Designed to withstand high surges (up to 2500V between open contacts), making it suitable for telecommunications.
* **Low Power Consumption:** Because it is a latching relay, it is ideal for battery-powered or energy-efficient circuits.
* **Silver Alloy Contacts with Gold Overlay:** This ensures high reliability and prevents contact oxidation, making it suitable for switching low-level signals.
---
### 3. Part Number Breakdown (EE2-5SNUN-R6)
Understanding the suffix codes is critical for identifying the specific variant:
* **EE2**: Series name (Miniature Signal Relay).
* **5**: Nominal coil voltage (5 Volts).
* **SN**: Single Coil Latching type.
* **U**: High breakdown voltage type (FCC compliant).
* **N**: Standard SMT terminal shape.
* **-R6**: Indicates the packaging format (Embossed Carrier Tape, typically 600 pieces per reel).
---
### 4. Common Applications
* **Telecommunications:** Switching telephone lines and modem signals.
* **Measurement Equipment:** Oscilloscopes and automated test equipment (ATE).
* **Consumer Electronics:** Power management and audio switching.
* **Medical Equipment:** Low-power signal isolation.
---
### 5. Basic Wiring Logic
To operate this latching relay, you reverse the polarity across the two coil pins:
1. **Set:** Apply +5V to Pin 1 and Ground to Pin 8 (Pulse duration > 2ms).
2. **Reset:** Apply Ground to Pin 1 and +5V to Pin 8 (Pulse duration > 2ms).
- ⤷
What is the difference between a single-coil and a double-coil latching relay?
- ⤷ Can this relay be used for high-power AC switching like a 10A heater?
- ⤷ What are the recommended pulse durations for switching the EE2-5SNUN?