EE2-5TNUN-R
AI

## Overview of EE2-5TNUN-R
The **EE2-5TNUN-R** is a specific model of a miniature signal relay manufactured by **KEMET** (formerly NEC/Tokin). It belongs to the **EE2 series**, which is widely recognized for its compact size, high reliability, and low power consumption in communication and electronic switching applications.
---
### 1. Key Technical Specifications
The model name contains specific information about its electrical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Contact Form** | 2 Form C (DPDT - Double Pole Double Throw) |
| **Nominal Coil Voltage** | 5 VDC |
| **Relay Type** | Latching (Double Coil) |
| **Contact Rating** | 30W, 62.5VA (Maximum 220VDC / 250VAC) |
| **Maximum Switching Current** | 2A |
| **Coil Resistance** | Approximately 178 $\Omega$ |
| **Mounting Type** | Surface Mount (SMD) - Standard lead type |
---
### 2. Breakdown of the Model Code (EE2-5TNUN-R)
Understanding the nomenclature helps in identifying the specific variant:
* **EE2**: Series Name (Miniature Signal Relay).
* **5**: Nominal Coil Voltage (5 Volts).
* **T**: Latching type with **Double Coil**.
* **NU**: Standard through-hole pins modified for Surface Mount (SMD).
* **N**: High breakdown voltage (usually between contacts and coil).
* **-R**: Tape and Reel packaging for automated assembly.
---
### 3. Physical & Material Properties
These relays are designed for high-density mounting on Printed Circuit Boards (PCBs).
* **Dimensions:** Approximately 15mm x 7.5mm x 10mm.
* **Contact Material:** Silver alloy with gold overlay (ensures low contact resistance for small signals).
* **Environmental Compliance:** RoHS and REACH compliant; Lead-free.
---
### 4. Applications
Because it is a **latching relay**, it is highly energy-efficient because it only requires a brief pulse of power to change states and stays in that state without continuous power.
* **Telecommunications:** Switching test equipment and telephone lines.
* **Instrumentation:** Data acquisition systems and oscilloscopes.
* **Medical Equipment:** Low-power signal switching in diagnostic tools.
* **Consumer Electronics:** Power management and signal routing.
---
### 5. Circuit Symbol Example (DPDT)
```mermaid
graph LR
subgraph Relay_Internal
A[Coil 1] --- B[Set]
C[Coil 2] --- D[Reset]
E[COM 1] --- F[NC 1]
E --- G[NO 1]
H[COM 2] --- I[NC 2]
H --- J[NO 2]
end
```
- ⤷
What is the difference between a single-coil and a double-coil latching relay?
- ⤷ How does the 'High Breakdown Voltage' feature protect the circuit?
- ⤷ What are the soldering temperature requirements for the EE2-5TNUN-R during SMD assembly?