EFB0405VHD-R00
AI

## Technical Analysis of EFB0405VHD-R00
The **EFB0405VHD-R00** is a high-performance miniature DC axial fan manufactured by **Delta Electronics**. It is part of the EFB series, known for using specialized blade designs to optimize airflow and pressure in compact spaces.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Frame Size** | 40mm x 40mm x 20mm |
| **Rated Voltage** | 5V DC |
| **Operating Voltage Range** | 4.0V to 5.5V |
| **Rated Current** | 0.33A (Max 0.50A) |
| **Rated Power** | 1.65W |
| **Speed** | 8200 RPM |
| **Max Airflow** | 10.10 CFM (0.286 m³/min) |
| **Max Static Pressure** | 0.332 in H₂O (8.43 mmH₂O) |
| **Noise Level** | 30.5 dB-A |
| **Bearing Type** | Two Ball Bearing |
---
### 2. Electronic Component Features
#### A. The "R00" Suffix (Sensor Type)
The **-R00** designation is critical. It indicates that this fan is equipped with a **Locked Rotor Sensor** (also known as a Failure Detector).
* **Function:** It outputs a logic signal (High or Low) to the system controller to indicate whether the fan motor is spinning or has stalled.
* **Benefit:** This allows for system-level safety shutdowns if the cooling fan fails, preventing thermal damage to sensitive electronics.
#### B. Commutation & Protection
* **Brushless DC (BLDC) Motor:** Uses an internal electronic commutator rather than carbon brushes, reducing EMI (Electromagnetic Interference) and increasing lifespan.
* **Polarity Protection:** Usually includes a diode to protect the internal circuitry if the positive and negative leads are reversed.
* **Auto-Restart:** The internal IC monitors the rotor position; if a jam occurs, it periodically attempts to restart the motor once the obstruction is removed.
#### C. Bearing System
The **Two Ball Bearing** system is an electronic/mechanical hybrid choice. Compared to sleeve bearings:
* It has a much higher MTBF (Mean Time Between Failures).
* It can be mounted in any orientation (horizontal, vertical, or angled) without affecting lifespan.
---
### 3. Wiring Configuration
The EFB0405VHD-R00 typically features three wires:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Red** | VCC | Positive Power Input (+5V) |
| **Black** | GND | Ground / Negative |
| **Blue/White** | RD Signal | Sensor output for Locked Rotor detection |
---
### 4. Typical Applications
Due to its small 40mm footprint and high 5V performance, it is commonly found in:
* Network switches and routers.
* Compact power supplies.
* Single-board computers (SBCs) or high-end 3D printer hotends.
* Portable medical devices.
---
- ⤷How does the R00 locked rotor signal differ from a PWM or Tacho signal?
- ⤷ What are the advantages of a 20mm thickness compared to the standard 10mm 4040 fans?
- ⤷ Can this fan be safely powered by a standard USB 2.0 port?