EFL3216-R33
AI

The **EFL3216-R33** is a surface-mount power inductor, typically manufactured by companies like **Coilcraft**. It belongs to a class of high-performance inductors designed for compact electronic circuits.
---
## 1. Technical Specifications
The part number itself contains the primary specifications for the component:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.33 µH | The "R33" indicates a value of 0.33 microHenries. |
| **Case Size (Imperial)** | 1206 | 3.2mm x 1.6mm (Metric 3216). |
| **Tolerance** | ±20% | Standard variation for power inductors. |
| **Mounting Type** | SMD / SMT | Surface Mount Technology. |
| **DC Resistance (DCR)** | Very Low | Designed to minimize power loss. |
---
## 2. Key Features
* **Low Profile:** The "EFL" series is known for being extremely thin (often around 1.0mm height), making it ideal for slim devices like smartphones and wearables.
* **Magnetic Shielding:** These inductors are usually shielded to reduce Electromagnetic Interference (EMI), preventing the magnetic field from affecting nearby sensitive components.
* **High Current Handling:** Despite its small 1206 footprint, it can handle relatively high saturation currents compared to standard chip inductors.
---
## 3. Common Applications
The EFL3216-R33 is primarily used in power management stages where space is at a premium:
1. **DC-DC Converters:** Used in Buck or Boost converters to store energy.
2. **Smartphones & Tablets:** Powering CPUs and display drivers in handheld devices.
3. **IoT Devices:** Ideal for small sensor nodes requiring efficient power regulation.
4. **Decoupling/Filtering:** Used to smooth out high-frequency noise in power supply lines.
---
## 4. Understanding the Part Number
* **EFL:** Series Name (High performance, low profile).
* **3216:** Physical dimensions (3.2mm length, 1.6mm width).
* **R33:** Inductance value (0.33 µH). The "R" acts as a decimal point.
- ⤷What is the maximum saturation current for the EFL3216-R33?
- ⤷ How does the EFL series differ from the LPS series inductors?
- ⤷ Are there alternative components with a 1206 footprint but higher inductance?