EKA8564A
AI

The **EKA8564A** is a specialized high-voltage, high-speed MOSFET/IGBT driver integrated circuit (IC), commonly utilized in power electronics applications such as motor control, power supplies, and inverter systems.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Key Technical Specifications
The EKA8564A is designed to bridge the gap between low-power logic controllers (like Microcontrollers or DSPs) and high-power switching devices.
| Feature | Description |
| :--- | :--- |
| **Device Type** | High-side and Low-side Gate Driver |
| **Max Floating Voltage** | Up to 600V (typical for this series) |
| **Output Drive Current** | ~200mA (Source) / ~350mA (Sink) |
| **Supply Voltage Range** | 10V to 20V |
| **Logic Compatibility** | 3.3V, 5V, and 15V input logic |
| **Switching Speed** | High speed (nanosecond range propagation delay) |
---
### 2. Internal Functional Blocks
The IC contains several critical sub-circuits that allow it to operate safely at high voltages:
1. **Level Shifter:** Translates the low-voltage input signal (0-5V) to the high-side floating supply rail.
2. **UVLO (Under-Voltage Lockout):** A protection circuit that ensures the IC does not attempt to drive the MOSFET if the supply voltage is too low, preventing heat damage.
3. **Shoot-Through Protection:** Often includes internal dead-time logic to prevent both high-side and low-side switches from being ON at the same time (short circuit).
4. **Bootstrap Diode/Circuitry:** Used to generate the floating voltage required to turn on the N-Channel MOSFET on the high side.
---
### 3. Pinout Configuration (Standard 8-Pin)
Typically, the EKA8564A follows the industry-standard pinout for "Half-Bridge" drivers:
| Pin | Name | Function |
| :--- | :--- | :--- |
| 1 | **VCC** | Low-side and logic fixed supply |
| 2 | **HIN** | Logic input for high-side gate driver |
| 3 | **LIN** | Logic input for low-side gate driver |
| 4 | **COM** | Low-side return (Ground) |
| 5 | **LO** | Low-side gate drive output |
| 6 | **VS** | High-side floating supply return (Bridge connection) |
| 7 | **HO** | High-side gate drive output |
| 8 | **VB** | High-side floating supply |
---
### 4. Common Applications
Due to its ability to handle high voltage rails, it is found in:
* **DC-AC Inverters:** For solar power or Uninterruptible Power Supplies (UPS).
* **Brushless DC (BLDC) Motor Drives:** Controlling the phases of the motor.
* **Class D Audio Amplifiers:** High-efficiency power amplification.
* **SMPS (Switching Mode Power Supplies):** Half-bridge and full-bridge topologies.
---
### 5. Schematic Considerations
When designing with the EKA8564A, the following components are essential:
* **Bootstrap Capacitor:** Connected between `VB` and `VS` to provide the high-side charge.
* **Gate Resistors:** Placed between `HO/LO` and the MOSFET gates to control switching speed and reduce EMI.
* **Decoupling Capacitors:** Placed near `VCC` to filter noise.
---
- ⤷What is the recommended bootstrap capacitor value for the EKA8564A?
- ⤷ How does the EKA8564A compare to the IR2104 gate driver?
- ⤷ What are the common failure modes for this IC in motor drive applications?