EL9100-R1B
AI

## Overview of EL9100-R1B
The **EL9100-R1B** is a specialized electronic component primarily used within industrial automation ecosystems, specifically the **EtherCAT** terminal system (often associated with Beckhoff or compatible modular I/O systems). It serves as a power supply terminal or potential feed terminal.
### Key Electronic Functions
The device is designed to manage the distribution of electrical power across a terminal block assembly.
| Feature | Description |
| :--- | :--- |
| **Device Type** | Potential Feed Terminal |
| **Protocol** | EtherCAT (Pass-through) |
| **Voltage Range** | Typically 24V DC |
| **Current Load** | Up to 10A (Maximum power contact current) |
| **Isolation** | Electrical isolation between the E-bus and the power contacts |
---
### Internal Electronic Architecture
1. **Power Contacts (Power Rails):**
The terminal features integrated leaf-spring contacts that pass the 24V DC supply to subsequent terminals in the stack. This eliminates the need for external wiring between every single I/O module.
2. **E-Bus Pass-through:**
While the EL9100-R1B manages the high-current power distribution, it also acts as a bridge for the **E-bus** (the internal communication line for EtherCAT). It ensures data integrity is maintained while the power supply is being refreshed or segmented.
3. **Status LEDs:**
The unit typically includes diagnostic indicators (LEDs) that monitor:
* **Input Voltage:** Verification that the 24V supply is active.
* **Error States:** Detection of missing supply or bus communication issues.
4. **Input Filtering:**
It contains passive electronic components (capacitors and diodes) to provide basic noise filtering and protection against transient voltage spikes on the power line.
---
### Technical Specifications Summary
| Parameter | Specification |
| :--- | :--- |
| **Input Connection** | 1 x 24V DC, 1 x 0V |
| **Current Consumption (E-bus)** | Typically 0 mA (passive on bus) |
| **Current carrying capacity** | 10 A |
| **Connection Method** | Cage Clamp / Spring-loaded terminals |
| **Mounting** | 35mm DIN rail (EN 60715) |
---
### Use Cases in Circuits
* **Power Injection:** Used when the cumulative power consumption of preceding I/O modules exceeds the capacity of the original bus coupler.
* **Galvanic Isolation:** Used to create separate "power groups," allowing for specific sections of a machine to be powered down (e.g., for safety/E-stop) while keeping the communication bus active.
- ⤷What is the difference between the EL9100 and EL9110 models?
- ⤷ How do I calculate the maximum number of terminals allowed before needing an EL9100?
- ⤷ Is the EL9100-R1B compatible with standard 3rd party EtherCAT couplers?