ELJNDR10KF
AI

The **ELJNDR10KF** is a surface-mount (SMD) wire-wound fixed inductor manufactured by **Panasonic**. It belongs to the **ND series**, which is specifically designed for high-frequency circuits and general-purpose filtering.
---
### ## Technical Specifications
The following table outlines the primary electrical and physical characteristics of the ELJNDR10KF:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.10 µH (100 nH) |
| **Tolerance** | ±10% (K) |
| **Case Size (EIA)** | 0805 |
| **Case Size (Metric)** | 2012 |
| **Rated Current** | 400 mA |
| **DC Resistance (DCR)** | 0.44 Ω (Max) |
| **Self-Resonant Frequency (SRF)** | 450 MHz (Min) |
| **Quality Factor (Q)** | 10 (Min) |
| **Operating Temperature** | -20°C to +85°C |
---
### ## Component Construction & Features
1. **Wire-Wound Structure**: Unlike multilayer inductors, this part uses a copper wire wound around a ceramic or ferrite core. This construction allows for higher current carrying capacity and a better Quality (Q) factor.
2. **Compact Form Factor**: The **0805 (2012)** size makes it ideal for high-density PCB layouts where space is limited.
3. **Resin Molded**: The component is typically encased in a protective resin, which provides excellent mechanical strength and resistance to humidity.
4. **Solder Heat Resistance**: It is designed to withstand standard reflow soldering temperatures used in modern manufacturing.
---
### ## Common Applications
The ELJNDR10KF is versatile but is most commonly found in the following circuits:
* **RF Matching Networks**: Used in wireless communication devices (Wi-Fi, Bluetooth) to match impedance between components.
* **Signal Filtering**: Acts as a low-pass or high-pass filter to remove unwanted noise from high-frequency signal lines.
* **Decoupling**: Helps isolate DC power supply noise from sensitive analog or digital sections of a circuit.
* **Mobile Electronics**: Frequently used in smartphones, tablets, and wearable devices due to its small footprint.
---
### ## Part Number Breakdown
Understanding the Panasonic nomenclature for this series:
* **ELJ**: Panasonic Inductor prefix.
* **ND**: Series identifier (General Purpose / High Frequency).
* **R10**: Inductance value (R represents the decimal point: 0.10 µH).
* **K**: Tolerance (±10%).
* **F**: RoHS compliance / Lead-free status.
- ⤷
What are the main differences between wire-wound and multilayer inductors in RF circuits?
- ⤷ Can this inductor be used in power supply switching regulators?
- ⤷ What are the recommended storage conditions to prevent oxidation of the terminals?