Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • EM15GT

  • AI
    The **EM15GT** (often associated with high-performance electric motorcycles or specific controller/motor kits) is built around a sophisticated power electronics system designed to manage high voltage and current for traction. Below is a breakdown of the core electronic components and their functions. --- ## 1. Core Electronic Components The system relies on the interaction between the battery management, the logic controller, and the power stage. | Component | Function | Key Specifications/Features | | :--- | :--- | :--- | | **Power Controller (ESC)** | The "Brain" of the unit. Converts DC to 3-phase AC. | MOSFET/IGBT based, FOC (Field Oriented Control). | | **Microcontroller (MCU)** | Processes throttle inputs and sensor data. | High-speed ARM Cortex or dedicated DSP. | | **MOSFET Array** | Switches high current to the motor windings. | Low RDS(on) to reduce heat generation. | | **Current Sensors** | Monitors real-time amperage to prevent blowouts. | Hall Effect or Shunt-based sensing. | | **CAN-Bus Interface** | Communication protocol for peripherals. | Enables diagnostic tools and dashboard sync. | --- ## 2. Power Stage & Thermal Management The electronics in the EM15GT are designed to handle significant thermal loads during peak acceleration. * **Capacitor Bank:** A series of electrolytic capacitors located at the DC input to smooth out voltage spikes and protect the MOSFETs from ripple current. * **Heat Dissipation:** The PCB is usually mounted on an aluminum heatsink plate with thermal paste, often featuring ribs for air cooling or channels for liquid cooling in high-output variants. * **Protection Circuitry:** Includes Over-Voltage Protection (OVP), Under-Voltage Lockout (UVLO), and Thermal Throttling. --- ## 3. Signal Inputs and Connectivity The EM15GT interacts with the vehicle through a specific wiring harness: ### Wiring Logic ```cpp // Typical I/O Logic for EM15GT Controller Signal_Input { Throttle: 0.8V - 4.2V (Analog); Brake_High: 12V Logic; Brake_Low: 0V Logic; Reverse: Toggle Switch; } Communication { Protocol: CAN 2.0B / RS485; Baud_Rate: 250kbps / 500kbps; } ``` --- ## 4. Motor Synchronization (Hall Sensors) The electronics include a dedicated port for **Hall Effect Sensors**. These sensors detect the position of the motor's rotor, allowing the controller to fire the phases in the correct sequence. * **Phase Angle:** Usually supports 60° or 120° phase shifts. * **Self-Learning:** Modern EM-series controllers often feature a "self-learn" wire that automatically detects the motor's internal electronic alignment. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage and current limits for the EM15GT controller?
    • ⤷ How do you program the FOC parameters on this specific unit?
    • ⤷ Does the EM15GT support regenerative braking settings?