Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • EMC1600-RPSD

  • AI
    The **EMC1600-RPSD** is a Redundant Power Supply Module specifically designed for the **Edgecore EMC1600**, a 16-slot media converter chassis. Its primary purpose is to provide power reliability and load balancing for high-density networking environments. --- ### 1. Key Technical Specifications The electronics of the EMC1600-RPSD are engineered to convert standard AC utility power into the DC voltage required by the chassis backplane. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 100 ~ 240 VAC | | **Input Frequency** | 50 / 60 Hz | | **Output Voltage** | 12V DC | | **Output Power** | ~60 Watts | | **Hot-Swappable** | Yes | | **Compatibility** | EMC1600 Chassis | --- ### 2. Electronic Components and Design The internal circuitry of the RPSD module focuses on stability, protection, and cooling: * **AC-to-DC Rectification:** High-quality capacitors and bridge rectifiers convert the incoming AC wave into a stable 12V DC output. * **Protection Circuitry:** * **Over-Voltage Protection (OVP):** Prevents damage to the media converters if the voltage spikes. * **Short Circuit Protection (SCP):** Automatically shuts down the module if a short is detected to prevent fire or hardware frying. * **Over-Current Protection (OCP):** Limits the current flow to safe levels. * **Cooling System:** Most units include an internal brushless fan and heat sinks to dissipate heat generated during the power conversion process. * **LED Indicators:** Front-panel LEDs provide immediate visual feedback on the power status (e.g., Green for active, Red/Off for failure). --- ### 3. Redundancy and Reliability The "RPSD" designation highlights its role in a redundant configuration. When two modules are installed in the EMC1600 chassis: 1. **Load Sharing:** Both modules share the power load equally, reducing the thermal stress on individual components and extending their lifespan. 2. **Failover:** If one power supply fails (due to an internal component failure or loss of AC input), the second module instantly takes over the full load without interrupting the data transmission of the media converters. 3. **Hot-Swapping:** The electronic interface allows the module to be removed or inserted while the chassis is powered on (Hot-Plug), thanks to staggered connector pins that manage inrush current. --- ### 4. Application Context In a networking rack, the EMC1600-RPSD is the "insurance policy" for fiber-to-ethernet links. It is commonly used in: * ISP Central Offices * Enterprise Data Centers * Campus Backbone links
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AC and DC versions of the EMC1600 power supplies?
    • ⤷ How do I troubleshoot a 'Power Fail' LED on the EMC1600-RPSD?
    • ⤷ Is the EMC1600-RPSD compatible with other media converter brands?