AI

The **EMMT-AS-100-M-HS-RMB** is a high-performance AC synchronous servo motor manufactured by **Festo**. It is designed for precise positioning tasks and dynamic motion control within industrial automation environments.
---
### ## Technical Specifications (Electronic & Electrical)
| Feature | Specification |
| :--- | :--- |
| **Motor Type** | AC Synchronous Servo Motor |
| **Nominal Voltage** | 325 V DC / 565 V DC |
| **Rated Torque** | 7.60 Nm |
| **Peak Torque** | 23.00 Nm |
| **Rated Speed** | 3,000 rpm |
| **Maximum Speed** | 4,630 rpm |
| **Rated Power** | 2,388 W |
| **Continuous Stall Current** | 5.8 A |
| **Peak Current** | 24.3 A |
| **Number of Pole Pairs** | 5 |
---
### ### Key Electronic Components & Features
#### 1. Integrated Encoder System
The motor utilizes a sophisticated feedback system to communicate position and speed data back to the motor controller (servo drive).
* **Encoder Type:** Absolute, Single-turn (indicated by the "S" or "M" variants, usually digital).
* **Protocol:** Uses a **digital link** (often Hiperface DSL or similar) which allows for "One Cable Technology."
* **Electronic Rating Plate:** The encoder stores motor parameters (current limits, torque constants), allowing the drive to automatically configure itself upon connection.
#### 2. Winding and Insulation
* **Insulation Class:** F (up to 155 °C), ensuring durability under high thermal loads.
* **Winding Protection:** Includes integrated thermal sensors (PTC or platinum sensors) to monitor internal temperatures and prevent burnout during overloads.
#### 3. Connection System (RMB Designation)
* **One-Cable Technology (OCP):** Power and encoder signals are combined into a single rotatable plug connector (M23).
* **Electronic Shielding:** The internal wiring is optimized to minimize Electromagnetic Interference (EMI), which is critical for high-speed signal integrity in the encoder line.
#### 4. Holding Brake (Optional)
The "B" in the suffix indicates the inclusion of an **Electronic Holding Brake**.
* **Operating Principle:** Spring-applied, DC-operated.
* **Function:** It holds the motor shaft in position when the power is removed (failsafe), preventing vertical axes from dropping.
---
### ### Wiring Configuration Example
While specific pinouts vary by cable, the digital link generally follows this logic:
```markdown
1. U / V / W -> Phase Power (3-Phase AC)
2. PE -> Protective Earth
3. Brake + / - -> 24V DC Brake Control
4. Data + / - -> Digital Encoder Signal (Bi-directional)
```
---
- ⤷What are the compatible servo drives for the EMMT-AS series?
- ⤷ Can you explain the advantages of One Cable Technology in this motor?
- ⤷ How does the 'HS' (High Speed) designation affect the torque-speed curve?