EPC-R4760_V01
AI

## Overview of EPC-R4760_V01
The **EPC-R4760_V01** is an industrial-grade RISC-based Edge Intelligence Box Computer, typically manufactured by Advantech. It is designed for IoT gateway applications, signage, and edge AI processing. The hardware architecture is centered around high-efficiency ARM processing and versatile connectivity.
---
### Core Electronic Components
Below is a breakdown of the primary electronic subsystems found on the EPC-R4760_V01:
| Component Category | Specifications / Details |
| :--- | :--- |
| **Processor (SoC)** | **Qualcomm APQ8053** (Snapdragon 625). Octa-core Cortex-A53 up to 2.0 GHz. |
| **Graphics (GPU)** | **Adreno 506**, supporting OpenGL ES 3.1+ and 4K video playback. |
| **Memory (RAM)** | Typically **2GB or 4GB LPDDR3** (Integrated on-board). |
| **Storage (eMMC)** | **16GB or 32GB eMMC** Flash for OS and local data storage. |
| **Power Management** | Integrated **Qualcomm PMIC** for efficient voltage regulation and thermal control. |
---
### Connectivity and Interface Circuits
The V01 revision features a variety of physical interfaces controlled by dedicated controller chips:
1. **Network Controllers:**
* **Ethernet:** 1x 10/100/1000 Mbps RJ45 port (Realtek or Intel PHY).
* **Wireless:** On-board M.2 socket or soldered module for Dual-band Wi-Fi (802.11 a/b/g/n/ac) and Bluetooth 4.1.
2. **Display & Multimedia:**
* **HDMI:** Supports up to 4K resolution at 30fps.
* **Audio:** WCD9326/WCD9335 audio codec for Line-out and Mic-in functionality.
3. **Expansion Slots:**
* **M.2 Key E:** For Wi-Fi/BT modules.
* **M.2 Key B:** Typically reserved for 4G/LTE cellular modules (includes SIM slot access).
---
### Power and Mechanical Specifications
* **Input Voltage:** 12V DC (Terminal block or DC jack).
* **Protection Circuits:** Over-voltage protection (OVP), Over-current protection (OCP), and ESD protection for I/O ports.
* **Form Factor:** Compact metal chassis designed for fanless passive cooling.
---
### Block Diagram Logic (Simplified)
```mermaid
graph LR
A[12V DC Input] --> B[PMIC]
B --> C[Qualcomm APQ8053]
C --> D[LPDDR3 RAM]
C --> E[eMMC Storage]
C --> F[HDMI / Display]
C --> G[USB 3.0 / 2.0]
C --> H[M.2 Expansion Slots]
C --> I[Gigabit Ethernet]
```
- ⤷
What are the supported operating systems for the EPC-R4760_V01?
- ⤷ Does this model support AI acceleration via the Snapdragon Neural Processing Engine?
- ⤷ What is the maximum operating temperature for this hardware?