Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ES1JG-SMA-R

  • AI
    ## Analysis of the ES1JG-SMA-R Electronic Component The **ES1JG-SMA-R** is a high-efficiency, surface-mount **Super Fast Recovery Rectifier**. It is widely used in power management circuits where high speed and low power loss are critical. --- ### 1. Key Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Part Number** | ES1JG | Specific series code | | **Package Type** | SMA (DO-214AC) | Surface Mount Device (SMD) | | **Reverse Voltage ($V_{RRM}$)** | 600V | Maximum peak repetitive reverse voltage | | **Forward Current ($I_{F(AV)}$)** | 1.0A | Maximum average rectified output current | | **Reverse Recovery Time ($t_{rr}$)** | 35ns | Ultra-fast switching speed | | **Forward Voltage Drop ($V_F$)** | ~1.7V | Voltage drop at rated current | | **Operating Temperature** | -55°C to +150°C | Junction temperature range | --- ### 2. Physical and Mechanical Attributes * **Package:** The **SMA (DO-214AC)** package is a standard low-profile plastic case. * **Polarity:** Indicated by a cathode band on the body of the diode. * **Mounting:** Designed for automated placement on Printed Circuit Boards (PCBs). * **Lead Finish:** Typically Matte Tin plated, lead-free (RoHS compliant). --- ### 3. Core Functionality The "Super Fast" designation (35ns) makes this component significantly faster than standard rectifiers (like the 1N4007). This is essential for: * **Reducing Switching Losses:** Minimizes energy wasted during the transition from a conducting to a non-conducting state. * **High-Frequency Rectification:** Ideal for circuits operating in the kHz to MHz range. ### 4. Common Applications 1. **SMPS (Switched Mode Power Supplies):** Used in the output rectification stage. 2. **Inverters:** For DC-to-AC conversion. 3. **Freewheeling Diode:** Protects circuits from voltage spikes in inductive loads (motors, relays). 4. **DC-DC Converters:** Enhancing efficiency in voltage regulation. --- ### 5. Coding Example: Identifying the Part in a BOM In professional PCB design software (like Altium or KiCad), the part is usually represented as follows: ```yaml Component_ID: D1 Manufacturer: Taiwan Semiconductor (or similar) Part_Number: ES1JG-SMA-R Footprint: DO-214AC_SMA Value: 600V 1A 35ns ```
    ✨ Follow-up Questions
    • ⤷What is the difference between ES1J and ES1G versions?
    • ⤷ How does the reverse recovery time affect circuit efficiency?
    • ⤷ What are the equivalent alternative part numbers for ES1JG?