Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ES1JL-CA2-R

  • AI
    The **ES1JL-CA2-R** is a high-efficiency, surface-mount **Super Fast Recovery Rectifier** diode. It is specifically designed for applications requiring high-speed switching and compact footprints, often used in automotive and industrial power supplies. --- ### 1. Key Technical Specifications Below are the primary electrical and physical parameters for the ES1JL-CA2-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Super Fast Recovery Rectifier | | **Package Type** | SMA (DO-214AC) | | **Maximum Repetitive Reverse Voltage ($V_{RRM}$)** | 600V | | **Average Forward Current ($I_{F(AV)}$)** | 1.0 Ampere | | **Reverse Recovery Time ($t_{rr}$)** | < 35 ns | | **Forward Voltage Drop ($V_F$)** | ~1.7V @ 1.0A | | **Operating Junction Temperature** | -55°C to +150°C | --- ### 2. Core Functional Features * **Ultrafast Switching:** With a recovery time of 35 nanoseconds or less, this diode minimizes power loss during the transition from a conducting state to a blocking state. * **Glass Passivated Junction:** The internal silicon chip is protected by a glass layer, enhancing reliability and stability under high-temperature conditions. * **Low Profile:** The SMA package is ideal for automated surface mount assembly where PCB vertical space is limited. * **AEC-Q101 Compliance:** (Depending on specific manufacturer suffix) Parts in this series are often automotive-grade, ensuring high vibration and thermal shock resistance. --- ### 3. Application Use Cases This component is generally used in circuits where high-frequency rectification is required: 1. **SMPS (Switched-Mode Power Supplies):** Used in the output rectification stage to improve efficiency. 2. **Inverters:** For DC-to-AC conversion processes in renewable energy or UPS systems. 3. **Freewheeling Diode:** Protects circuits from inductive voltage spikes in motor drivers or relay circuits. 4. **DC-DC Converters:** Acts as a high-speed switch to maintain steady voltage levels. --- ### 4. Circuit Symbol and Polarity In a schematic, the ES1JL-CA2-R follows the standard diode symbol. Physically, the package features a **cathode band** (a line printed on one end of the body) to indicate the negative terminal. ```text Anode (+) Cathode (-) |-------|>|-------| (Band) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard recovery and a super fast recovery diode?
    • ⤷ Can the ES1JL-CA2-R be used in AC-to-DC bridge rectifiers?
    • ⤷ What are the thermal management requirements for an SMA package at 1.0A?