ES2DP
AI

The **ES2DP** is a high-efficiency, surface-mount **Super Fast Recovery Rectifier** diode. It is widely used in power management circuits due to its ability to handle high currents and its extremely fast switching speeds.
---
### 1. Key Technical Specifications
The ES2DP belongs to the "ES2" series and is typically housed in an **SMB (DO-214AA)** package.
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ES2DP |
| **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 200V |
| **Maximum RMS Voltage** | 140V |
| **Maximum Average Forward Current ($I_{F(AV)}$)** | 2.0 Amperes |
| **Maximum Reverse Recovery Time ($t_{rr}$)** | 20 - 35 ns |
| **Forward Voltage Drop ($V_F$)** | ~0.90V to 0.95V |
| **Operating Temperature Range** | -55°C to +150°C |
| **Package Type** | SMB (DO-214AA) |
---
### 2. Physical Structure and Pinout
The ES2DP is a polarized component with two terminals:
* **Anode (+):** Current enters through this terminal.
* **Cathode (-):** Identified by a **printed band** on the body of the diode. Current exits through this terminal.
---
### 3. Core Features
* **Super Fast Switching:** The recovery time ($t_{rr}$) is exceptionally low (nanoseconds), which reduces power loss during the transition from a conducting to a non-conducting state.
* **High Surge Capacity:** It can handle high momentary current surges (typically up to 50A for 8.3ms).
* **Low Profile:** The SMB package is designed for automated surface mount assembly (SMT), saving space on PCBs.
* **Glass Passivated Junction:** This ensures high reliability and stability over time and temperature.
---
### 4. Common Applications
Because of its high speed and 200V rating, the ES2DP is commonly found in:
1. **DC-DC Converters:** Used as a freewheeling diode to handle inductive loads.
2. **Switching Power Supplies (SMPS):** Acts as a high-frequency rectifier to convert AC pulses to DC.
3. **Inverters:** Used in solar or battery power systems for efficient energy conversion.
4. **Reverse Polarity Protection:** Protects sensitive electronics from incorrectly connected power sources.
---
### 5. Equivalent/Alternative Parts
If the ES2DP is unavailable, these parts may serve as functional substitutes (always check the specific datasheet for footprint compatibility):
* **ES2D:** Essentially the same (often the "P" suffix denotes lead-free or specific packaging).
* **MUR220:** Similar current and voltage ratings.
* **RS2D:** Fast recovery (though usually slower $t_{rr}$ than the "Super Fast" ES series).
- ⤷
What is the difference between a Fast Recovery and a Super Fast Recovery diode like the ES2DP?
- ⤷ Can I use an ES2DP in a 110V AC rectification circuit?
- ⤷ How does the forward voltage drop of the ES2DP affect its thermal performance?