Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ESD-R-14E

  • AI
    ## ESD-R-14E: EMI Core (Ferrite) Overview The **ESD-R-14E** is a round, solid ferrite core produced by **KEMET**. It is specifically designed for EMI (Electromagnetic Interference) suppression in electronic circuits. Unlike active components like transistors, this is a passive component used to "clean" electrical signals. --- ### 1. Technical Specifications Below are the key physical and electrical characteristics of the ESD-R-14E: | Property | Value / Description | | :--- | :--- | | **Material** | Manganese Zinc (MnZn) | | **Shape** | Round / Toroidal (Solid Ring) | | **Outer Diameter (OD)** | 14.3 mm | | **Inner Diameter (ID)** | 6.3 mm | | **Thickness (HT)** | 13.8 mm | | **Impedance (at 100MHz)** | ~80 $\Omega$ (approximate) | | **Operating Temp** | -25°C to +85°C | --- ### 2. How It Works The ESD-R-14E functions as a **Common Mode Choke** when a cable is passed through its center. 1. **Inductance Generation:** When a wire passes through the ferrite, the core adds high-frequency impedance to the line. 2. **Noise Dissipation:** It converts high-frequency electromagnetic noise into a small amount of heat, effectively filtering out EMI/RFI (Radio Frequency Interference). 3. **Target Frequencies:** The MnZn material used in the "E" series is particularly effective for suppressing noise in the **lower frequency ranges** (up to 10-30 MHz) compared to NiZn cores, though it provides general broadband protection. --- ### 3. Key Applications This component is typically found in: * **Power Supplies:** Filtering noise on AC/DC input/output lines. * **Data Cables:** Protecting signal integrity in communication wires. * **Industrial Equipment:** Preventing high-frequency motor noise from leaking into other circuits. * **Consumer Electronics:** Used inside televisions, computers, and chargers to meet EMC compliance standards. --- ### 4. Installation Tips * **Single Pass:** Simply sliding the wire through the hole provides basic suppression. * **Multiple Turns:** Looping the wire through the core multiple times (e.g., 2 or 3 turns) significantly increases the impedance (inductance), providing better filtering at lower frequencies. * **Placement:** For maximum effectiveness, place the core as close to the noise source or the entry point of the device as possible.
    ✨ Follow-up Questions
    • ⤷ What is the difference between MnZn and NiZn ferrite materials?
    • ⤷ How do multiple wire turns through the core affect the impedance?
    • ⤷ Can the ESD-R-14E be used for high-speed data line filtering?