ESD-R-25D-8
AI

## ESD-R-25D-8: Electronic Overview
The **ESD-R-25D-8** is a round, toroidal EMI (Electromagnetic Interference) core manufactured by KEMET. It is designed for noise suppression in electronic circuits, specifically for filtering high-frequency noise from cables and wires.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Material Type** | Mn-Zn (Manganese-Zinc) |
| **Shape** | Round (Toroidal / Ring) |
| **Outer Diameter (OD)** | 25.0 mm |
| **Inner Diameter (ID)** | 15.0 mm |
| **Thickness (H)** | 8.0 mm |
| **Target Frequencies** | High-frequency noise (typically MHz range) |
| **Operating Temperature** | -25°C to +85°C |
---
### 2. Physical and Material Properties
* **Mn-Zn Composition:** Manganese-Zinc ferrite is primarily used for its high magnetic permeability. This makes it highly effective at absorbing low to mid-range frequency electromagnetic noise compared to Ni-Zn cores.
* **Non-Coated Design:** The "D" series often refers to the core being uncoated, meaning the bare ferrite material is exposed. Users must ensure that the wire insulation is sufficient to prevent shorting against the core if necessary.
* **Toroidal Geometry:** The ring shape allows wires to be looped through the center. Multiple turns (loops) increase the impedance significantly, providing better noise suppression.
---
### 3. Functional Application
The ESD-R-25D-8 acts as a **Passive Low-Pass Filter**. It works through two primary mechanisms:
1. **Impedance:** It introduces high impedance at high frequencies, effectively "choking" the noise while allowing the desired signal (DC or low frequency) to pass.
2. **Absorption:** The ferrite material converts high-frequency electromagnetic energy into a tiny, negligible amount of heat.
#### Common Use Cases:
* **Consumer Electronics:** Power supply cables for laptops or monitors.
* **Industrial Equipment:** Reducing noise in signal cables for sensors.
* **Communication:** Preventing interference in data transmission lines.
---
### 4. Comparison Table: ESD-R Series Sizes
| Model | OD (mm) | ID (mm) | Thickness (mm) |
| :--- | :--- | :--- | :--- |
| ESD-R-19D | 19.0 | 9.0 | 8.0 |
| **ESD-R-25D-8** | **25.0** | **15.0** | **8.0** |
| ESD-R-47D | 47.0 | 27.0 | 15.0 |
---
- ⤷
How does the number of wire turns through the ESD-R-25D-8 affect its impedance?
- ⤷ What is the difference in performance between Mn-Zn and Ni-Zn ferrite cores?
- ⤷ Can this core be used for both common-mode and differential-mode noise suppression?