ESD-R-47SR-P
AI

## Overview of the ESD-R-47SR-P
The **ESD-R-47SR-P** is a high-performance **EMI (Electromagnetic Interference) core** manufactured by KEMET. It belongs to the ESD-R series, which are round cable snap-on or solid cores designed to suppress high-frequency noise in electronic systems.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Material** | Mn-Zn (Manganese-Zinc) |
| **Shape** | Round Core (Toroidal/Ring) |
| **Outer Diameter (OD)** | Approx. 47.0 mm |
| **Inner Diameter (ID)** | Approx. 27.0 mm |
| **Thickness (HT)** | Approx. 15.0 mm |
| **Primary Function** | High-frequency noise suppression |
| **Coating** | Phenolic resin / Plastic Casing (S-P suffix indicates specialized casing) |
---
### 2. Composition and Material Properties
The "Mn-Zn" (Manganese-Zinc) ferrite material used in this part is specifically chosen for its magnetic permeability characteristics:
* **Impedance Frequency:** Mn-Zn materials are generally effective for noise in the **lower frequency ranges** (typically under 10 MHz to 30 MHz) compared to Ni-Zn (Nickel-Zinc) materials.
* **High Permeability:** This allows the core to provide high impedance with fewer wire turns, making it efficient for power lines and signal cables.
---
### 3. Applications and Usage
The ESD-R-47SR-P is widely used in industrial and consumer electronics to comply with EMC (Electromagnetic Compatibility) regulations.
* **Common Mode Choke:** When a cable is looped through the core, it acts as a common-mode filter, preventing unwanted radiation from leaving the device.
* **Typical Systems:**
* Consumer electronics (TVs, Audio equipment).
* Industrial machinery (Motor drives, PLC systems).
* Power supplies (Switching power supplies).
* Office automation (Copiers, Printers).
---
### 4. Installation Guidelines
To achieve maximum efficiency with the ESD-R-47SR-P, consider the following:
1. **Number of Turns:** Increasing the number of turns (looping the wire through the center multiple times) increases the impedance proportionally to the square of the turns ($Z \propto N^2$).
2. **Placement:** Place the core as close as possible to the noise source or the entry/exit point of the enclosure.
3. **Cable Fit:** Ensure the cable fits snugly within the 27mm inner diameter to maximize the magnetic coupling.
---
- ⤷
What is the difference between Mn-Zn and Ni-Zn ferrite materials in terms of frequency response?
- ⤷ How do I calculate the required impedance for a specific EMI suppression task?
- ⤷ Are there snap-on versions of this core for retrofitting onto existing cables?