ESD-R-57M-H
AI

The **ESD-R-57M-H** is a high-performance, round ferrite core designed for Electromagnetic Interference (EMI) suppression. It is manufactured by **KEMET** (a subsidiary of YAGEO) and is part of their "ESD-R" series of manganese-zinc (MnZn) ferrite components.
---
### 1. Key Technical Specifications
The "57M" in the part number typically refers to the outer diameter or size category, while the "H" indicates a specific material grade or coating property.
| Feature | Description |
| :--- | :--- |
| **Material Type** | Manganese-Zinc (MnZn) |
| **Shape** | Toroidal / Round Core |
| **Primary Function** | High-frequency noise absorption / EMI suppression |
| **Core Color** | Usually Green (standard for MnZn with coating) |
| **Frequency Range** | Optimized for lower frequency ranges (typically < 10 MHz) |
| **Coating** | Epoxy or Polyurethane resin for insulation |
---
### 2. Functional Characteristics
Ferrite cores like the ESD-R-57M-H act as a **passive low-pass filter**. They allow low-frequency signals (like power) to pass while converting high-frequency electromagnetic noise into heat within the magnetic material.
* **Impedance:** The core provides high impedance at high frequencies, effectively "blocking" EMI.
* **Inductance:** By looping a wire through the core, you increase the inductance of the line, which helps smooth out current ripples.
* **Saturation:** MnZn materials have high magnetic permeability but are more sensitive to saturation than Nickel-Zinc (NiZn) cores.
---
### 3. Applications
These cores are commonly used in power electronics and signal integrity applications:
1. **Consumer Electronics:** Used on power cords for TVs, PCs, and gaming consoles.
2. **Industrial Equipment:** Suppressing noise generated by motor drivers and switching power supplies (SMPS).
3. **Medical Devices:** Ensuring sensitive diagnostic equipment is not affected by ambient electromagnetic noise.
4. **Automotive:** Filtering noise in on-board chargers or control units.
---
### 4. Installation Methods
Since this is a solid round core (not a "clamp-on" or "snap-on" type), it must be integrated during the assembly process:
```text
Assembly Steps:
1. Select the appropriate wire gauge (ensure it fits the Inner Diameter).
2. Pass the cable through the center of the core.
3. For increased impedance, loop the wire through the core multiple times (N turns).
- Note: Impedance increases by approximately N^2.
4. Secure the core using heat shrink tubing or cable ties if necessary.
```
---
- ⤷
What is the difference between MnZn and NiZn ferrite materials in EMI suppression?
- ⤷ How do I calculate the required number of turns for a specific impedance?
- ⤷ Can the ESD-R-57M-H be used for high-speed data lines like USB 3.0?