ESDFBP05CL
AI

The **ESDFBP05CL** is a high-performance **Transient Voltage Suppressor (TVS) Diode** designed specifically for protecting sensitive electronic components from Electrostatic Discharge (ESD) and voltage transients. It is commonly used in high-speed data interfaces due to its low capacitance.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical characteristics of the ESDFBP05CL:
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Reverse Stand-Off Voltage** | $V_{RWM}$ | 5.0 | V (Max) |
| **Breakdown Voltage** | $V_{BR}$ | 6.0 | V (Min) |
| **Clamping Voltage** | $V_C$ | < 12 | V (@ 1A) |
| **Junction Capacitance** | $C_J$ | 0.5 - 0.8 | pF |
| **Peak Pulse Current** | $I_{PP}$ | 4.0 | A |
| **ESD Protection (Air)** | $V_{ESD}$ | ±15 | kV |
| **ESD Protection (Contact)**| $V_{ESD}$ | ±8 | kV |
---
### 2. Physical Characteristics & Package
* **Package Type:** FBP-02C (or DFN0603). This is a "Flip Chip" style leadless package.
* **Size:** Extremely small footprint (approx. 0.6mm x 0.3mm), making it ideal for space-constrained mobile devices.
* **Lead Finish:** Lead-free (RoHS compliant).
---
### 3. Functional Features
* **Ultra-Low Capacitance:** The capacitance is typically below 1pF. This is critical because it prevents signal distortion (Insertion Loss) in high-speed lines.
* **Fast Response Time:** Provides near-instantaneous protection (nanosecond scale) against ESD strikes.
* **Low Leakage Current:** Minimizes power consumption during normal operation, which is vital for battery-powered devices.
---
### 4. Common Applications
Due to its low capacitance and small size, the ESDFBP05CL is frequently used in the following interfaces:
1. **USB 2.0 / 3.0 / 3.1 Ports:** Protecting data lines (D+, D-) without slowing down the transfer rate.
2. **HDMI / DisplayPort:** Shielding high-definition video signals.
3. **Mobile Handsets:** Protecting SIM card slots, audio jacks, and touchscreens.
4. **Wearables:** Ideal for smartwatches and fitness trackers due to the FBP package.
---
### 5. Circuit Diagram (Internal)
The device is a **unidirectional** TVS diode. It is connected between the signal line and the ground (GND).
```text
Signal Line o-------+-------o Protected IC
|
_|_
/_\ ESDFBP05CL
|
GND o-------+-------o GND
```
- ⤷
What is the difference between unidirectional and bidirectional TVS diodes?
- ⤷ How does junction capacitance affect high-speed data transmission?
- ⤷ Can you provide a PCB layout recommendation for the FBP-02C package?