Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ESR-80LA-H-R

  • AI
    The **ESR-80LA-H-R** is a specific model of an **Industrial Solid State Relay (SSR)** typically used for controlling high-power AC loads using an analog control signal. Below is a detailed breakdown of its electronic parts, specifications, and functions. --- ### 1. General Specifications The model name follows a specific nomenclature that defines its electronic capabilities: | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Type** | ESR Series | Industrial Grade Solid State Relay | | **Max Load Current** | 80 Amps | Capable of switching up to 80A loads | | **Control Method** | Analog (LA) | Linear Adjustment (Phase Angle Control) | | **Voltage Range** | High (H) | Typically supports up to 480VAC or higher | | **Output Type** | Resistance (R) | Designed for resistive loads or specific internal circuitry | --- ### 2. Internal Electronic Components An SSR like the ESR-80LA-H-R differs from a mechanical relay because it has no moving parts. It consists of three primary stages: #### A. Input Stage (Control Circuit) * **Analog Interface:** Unlike standard "On/Off" SSRs, the "LA" designation indicates this unit accepts an analog signal (typically **4-20mA** or **1-5VDC**). * **Optoisolator:** An internal LED and photosensitive triac/transistor that provides electrical isolation (usually up to 4000V) between the low-voltage control signal and the high-voltage load. #### B. Trigger Circuit (Phase Angle Control) * **Phase Angle Controller:** This internal circuit determines exactly when to "fire" the output based on the input signal. By shifting the phase angle, it regulates the amount of power delivered to the load (similar to a light dimmer). * **Zero-Cross vs. Random Phase:** Since this is a Linear Adjustment (LA) model, it uses **Random Phase** or proportional firing to achieve varying output power levels. #### C. Output Stage (Power Switching) * **Back-to-Back Thyristors (SCRs):** The ESR-80LA uses high-power Silicon Controlled Rectifiers to handle the 80A current. SCRs are preferred over Triacs in industrial models for better heat dissipation and durability. * **RC Snubber Circuit:** An internal Resistor-Capacitor network that protects the SCRs from voltage spikes ($dv/dt$) and electrical noise. --- ### 3. Physical & Mechanical Parts * **Heat Sink Base:** The bottom plate is usually made of nickel-plated copper or aluminum to transfer heat away from the SCRs. * **LED Indicator:** A visual status light that glows brighter or dimmer depending on the input signal strength. * **Terminal Protectors:** Plastic covers (IP20 rated) to prevent accidental contact with high-voltage terminals. --- ### 4. Application Use Case This part is most commonly used in: 1. **Industrial Heaters:** Precise temperature control by varying the power to heating elements. 2. **Motor Speed Control:** Limited use for single-phase fan motors. 3. **Lighting Dimming:** Controlling large arrays of incandescent or compatible LED loads.
    ✨ Follow-up Questions
    • ⤷ What is the difference between phase angle control and zero-cross switching in SSRs?
    • ⤷ What type of heat sink is recommended for an 80A load?
    • ⤷ Can this SSR be controlled by a standard 4-20mA PLC output?