Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ESS-100-SF

  • AI
    ### ESS-100-SF Overview The **ESS-100-SF** typically refers to a high-performance **Suction Filter** or **Vacuum Pad** assembly (often produced by brands like SMC or Schmalz) used in industrial automation and robotics. While the "SF" suffix denotes the physical shape (Flat with Ribs), the electronic integration occurs through the sensors and solenoid valves that control the vacuum flow. --- ### Key Components & Electronic Integration | Component | Description | Electronic Function | | :--- | :--- | :--- | | **Vacuum Ejector** | The mechanism creating suction. | Often driven by a **24V DC Solenoid Valve**. | | **Pressure Sensor** | A digital or analog sensor attached to the line. | Monitors vacuum levels (e.g., -80 kPa) to confirm part pickup. | | **I/O Interface** | Connection point to the PLC. | Sends "Part Present" signals and receives "Vacuum On/Off" commands. | | **Vacuum Switch** | Electronic threshold switch. | Provides a binary signal (High/Low) based on set pressure points. | --- ### Technical Specifications (Electronic Logic) To operate a suction unit like the ESS-100-SF within an automated system, the following electronic logic is applied: #### 1. Signal Control * **Output (PLC to Valve):** A digital signal (typically 24V) triggers the solenoid to open the air path, initiating the Venturi effect. * **Input (Sensor to PLC):** Once the pad seals against a surface, the vacuum pressure drops. The electronic vacuum switch sends a confirmation signal back to the controller to proceed with motion. #### 2. Wiring Configuration Most electronic sensors paired with these units use a standard **M8 or M12 connector** with the following pinout: 1. **Brown:** +24V DC 2. **Blue:** 0V (GND) 3. **Black:** PNP/NPN Digital Output 4. **White:** Analog Output (optional for precise measurement) --- ### Application in Robotics In an "End of Arm Tooling" (EOAT) setup, the ESS-100-SF acts as the physical interface, while the electronics ensure: * **Energy Efficiency:** The electronics can shut off the vacuum once a holding threshold is reached (Auto-save function). * **Safety:** If the electronic sensor detects a sudden loss in vacuum pressure, it triggers an emergency stop to prevent the part from falling.
    ✨ Follow-up Questions
    • ⤷ What are the compatible vacuum sensors for the ESS-100-SF series?
    • ⤷ How do you wire a 3-wire NPN vacuum switch to a PLC?
    • ⤷ What is the difference between the SF (Flat) and B (Bellows) electronic control logic?