ESS-15-SF
AI

The **ESS-15-SF** is a specific model of a **Suction Cup (Vacuum Pad)** assembly typically manufactured by **Festo**. While it is a mechanical component used in pneumatic automation, it plays a critical role in the hardware interface of electronic pick-and-place systems.
Below is a detailed breakdown of its specifications and electronic integration.
---
### 1. Technical Specifications
The part number "ESS-15-SF" follows a specific nomenclature:
* **ESS**: Festo Series for Suction Cups.
* **15**: Diameter of the suction pad (15mm).
* **SF**: Shape/Material code (Soft/Flat design).
| Feature | Specification |
| :--- | :--- |
| **Suction Cup Diameter** | 15 mm |
| **Connection Type** | M5 Thread / Plug-in (depends on holder) |
| **Material** | Usually NBR (Nitrile Rubber) or Silicone |
| **Operating Medium** | Atmospheric air |
| **Temperature Range** | -10°C to +70°C (Standard NBR) |
| **Holding Force** | ~8.5 N to 10 N (at -0.7 bar vacuum) |
---
### 2. Electronic Integration (System Level)
The ESS-15-SF does not contain electronic circuits itself, but it is the "end effector" for an electronic control system. To function, it must be paired with the following electronic parts:
#### A. Vacuum Solenoid Valves
Electronic controllers (PLCs or Microcontrollers) send a 24V DC signal to a solenoid valve to open or close the vacuum line, effectively "turning on" the suction cup.
#### B. Vacuum Sensors/Switches
To provide feedback to the electronic system, a **Vacuum Sensor** (like the Festo SDE5 or SPAE) is placed in the line.
* **Function:** It detects if a vacuum has been successfully established.
* **Output:** Sends a digital signal (PNP/NPN) to the PLC to confirm the part has been picked up.
#### C. Vacuum Generators (Ejectors)
Electronic-pneumatic vacuum generators (e.g., Festo OVEM) use a venturi effect to create suction. These often feature integrated electronics for:
* Power-save modes.
* LCD displays for pressure monitoring.
* IO-Link communication.
---
### 3. Use Cases in Electronics Manufacturing
The ESS-15-SF is frequently used in the assembly of electronic devices:
1. **PCB Handling:** Picking up bare printed circuit boards.
2. **Screen Placement:** Handling smartphone or tablet glass displays.
3. **Battery Assembly:** Moving lithium-ion cells into casings.
---
### 4. Comparison of Materials
| Material Type | Color | Best For | Electronic Consideration |
| :--- | :--- | :--- | :--- |
| **NBR (Nitrile)** | Black | General use, oily parts | Durable, standard |
| **Silicone** | Transparent/White | High temperature | Food-grade/Cleanroom |
| **Antistatic** | Black/Striped | Electronic Components | **ESD Protection** (prevents static damage) |
- ⤷
What is the difference between the SF (Flat) and B (Bellows) variants for this model?
- ⤷ How do I calculate the vacuum pressure needed for a specific weight using the ESS-15-SF?
- ⤷ Is there an ESD-safe version of the ESS-15-SF for handling sensitive microchips?