Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ESS-150-SF

  • AI
    The **ESS-150-SF** is a high-performance, single-output switching power supply commonly used in industrial automation, telecommunications, and LED applications. It belongs to the **ESS series**, known for its compact design and high reliability. --- ### ## 1. Key Electronic Specifications Below is a breakdown of the primary electronic parameters typically found in this model: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Input Voltage Range** | 85 ~ 264 VAC | Universal input (supports global standards) | | **Output Voltage** | 12V, 24V, or 48V DC | Typically configured for 24V in the SF variant | | **Rated Power** | 150 Watts | Maximum continuous power output | | **Efficiency** | 85% - 90% | Varies based on load and input voltage | | **Cooling** | Built-in DC Fan | Forced air cooling for thermal management | --- ### ## 2. Core Electronic Components The ESS-150-SF functions as an **AC-DC Converter** using a high-frequency switching topology. Its internal circuitry consists of several critical stages: #### ### A. Input Filter & Rectifier * **EMI Filter:** Prevents electromagnetic interference from leaking back into the power grid. * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC voltage. * **Bulk Capacitor:** Smooths the DC voltage before it enters the switching stage. #### ### B. PWM Controller & Switching MOSFETs * **PWM IC:** The "brain" of the unit that regulates the output voltage by adjusting the duty cycle. * **Power MOSFETs:** High-speed transistors that switch the DC current at high frequencies (usually 50kHz to 100kHz) into a transformer. #### ### C. Isolation Transformer * Provides galvanic isolation between the high-voltage AC input and the low-voltage DC output, ensuring user safety and equipment protection. #### ### D. Output Rectification & Filtering * **Schottky Diodes:** Rectify the high-frequency AC from the transformer back into DC. * **LC Filter:** Inductors and Low-ESR capacitors work together to minimize "ripple" (voltage fluctuations). --- ### ## 3. Protection Circuitry The "SF" designation often indicates specific safety and form-factor features. The electronic design includes: 1. **Overload Protection (OLP):** Limits output current to prevent damage during a short circuit. 2. **Overvoltage Protection (OVP):** Shuts down the unit if the output voltage exceeds a safe threshold (e.g., 115% of rated voltage). 3. **Thermal Protection:** A thermistor monitors the internal temperature; if it exceeds safe limits, the PWM controller reduces power or shuts down. --- ### ## 4. Connection Interface The unit typically uses a **Screw Terminal Block** for electrical connections: ```text L, N, FG -> AC Input (Line, Neutral, Frame Ground) -V, +V -> DC Output +V ADJ -> Potentiometer to fine-tune output voltage (usually +/- 10%) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage rating for your specific ESS-150-SF unit?
    • ⤷ Do you need the pinout diagram for the terminal connections?
    • ⤷ Are you troubleshooting a specific failure in this power supply?