ESS22-T
AI

The **ESS22-T** (Electronic Selective Storage) is a high-performance, pluggable electronic circuit breaker designed specifically for the protection of automation systems and DC 24V power supplies. It combines physical isolation with electronic monitoring.
---
### 1. Key Electronic Components and Architecture
The ESS22-T operates using a combination of solid-state electronics and mechanical disconnection.
| Component | Function |
| :--- | :--- |
| **Current Sensor** | Continuously monitors the load current via a low-resistance shunt. |
| **Control Logic (IC)** | An integrated circuit that evaluates current levels against a time-current curve. |
| **Power MOSFET** | Acts as the high-speed switch to disconnect the load during an overload. |
| **Bimetal/Solenoid** | Provides physical isolation (galvanic isolation) for safety. |
| **Signal Contacts** | Auxiliary contacts (11-12/13-14) for remote status monitoring. |
---
### 2. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Rated Voltage** | DC 24 V (18...32 V) |
| **Current Ratings** | 0.5 A to 10 A (Fixed ratings) |
| **Trip Curves** | Physical trip (thermal-magnetic style) + Electronic limit |
| **Status Indication** | Multicolored LED (Green: OK, Orange: Warning, Red: Tripped) |
| **Isolation** | Physical isolation in "OFF" or "Tripped" state |
---
### 3. Protection Characteristics
The electronic design allows the ESS22-T to distinguish between **Inrush Currents** and **Actual Faults**:
1. **Electronic Current Limiting:** When a short circuit occurs, the electronics limit the current to approximately **1.1 to 1.5 times** the rated current. This prevents the DC 24V power supply from collapsing.
2. **Delayed Trip:** If the overload persists beyond a predefined time (usually 100ms to several seconds depending on the overload factor), the unit trips electronically.
3. **Physical Disconnection:** After electronic shutdown, the device ensures a physical break in the circuit, meeting safety standards for isolation.
---
### 4. Comparison: ESS22-T vs. Standard MCBs
| Feature | ESS22-T (Electronic) | Standard MCB (Thermal-Magnetic) |
| :--- | :--- | :--- |
| **Selectivity** | High (protects specific branches) | Low (can cause total PSU shutdown) |
| **Reset** | Manual toggle switch | Manual toggle switch |
| **Input Sensitivity** | Very precise electronic monitoring | Dependent on temperature/heat |
| **Power Supply Safety** | Prevents voltage dips | May cause voltage dips during shorts |
---
- ⤷
How does the ESS22-T handle capacitive loads during startup?
- ⤷ What are the specific LED color codes for troubleshooting an ESS22-T?
- ⤷ How do the signal contacts (11
- ⤷ 12
- ⤷ 13) integrate into a PLC system?