EVS57-5R3-R
AI

The **EVS57-5R3-R** is a specific high-efficiency, industrial-grade AC-DC power supply manufactured by TDK-Lambda. It is part of the EVS series, designed primarily for battery charging and constant current applications.
### 1. Key Technical Specifications
The model name indicates its primary electrical output capabilities:
| Feature | Specification |
|:---|:---|
| **Output Voltage** | 57V DC (Adjustable) |
| **Output Current** | 5.3A |
| **Power Rating** | Approximately 300W |
| **Input Voltage Range** | 85 - 265 VAC (Universal Input) |
| **Efficiency** | Typically 88% - 90% |
---
### 2. Core Electronic Components & Features
The EVS57-5R3-R contains several critical electronic subsystems that allow it to function as both a power supply and a charger:
#### A. Constant Current (CC) Control Circuitry
Unlike standard power supplies that shut down under overload, this unit features a dedicated control loop for **Constant Current** mode.
* **Function:** It allows the unit to provide a steady 5.3A even as the load resistance changes.
* **Application:** Essential for charging batteries (e.g., Lead-Acid or Lithium-Ion stacks) safely without tripping the OCP (Over-Current Protection).
#### B. Active Power Factor Correction (PFC)
* **Component:** An active PFC stage at the input.
* **Benefit:** Ensures the unit complies with EN61000-3-2 standards, reducing harmonic distortion and improving energy efficiency from the AC mains.
#### C. Variable Output Potentiometers
The unit typically features two user-accessible trim pots:
1. **V.ADJ:** Adjusts the output voltage (useful for setting the float/bulk charge voltage).
2. **I.ADJ:** Adjusts the current limit (allowing the user to down-rate the 5.3A output).
#### D. Protection Mechanisms
* **Overvoltage Protection (OVP):** Shuts down the unit if the output exceeds a safe threshold.
* **Thermal Protection:** Internal thermistors monitor heat sink temperatures to prevent MOSFET failure.
* **Reverse Current Protection:** Built-in safeguards to prevent battery back-feed from damaging the internal capacitors when the AC power is off.
---
### 3. Physical & Design Attributes
* **Cooling:** Usually utilizes integrated fans or high-efficiency conduction cooling depending on the specific chassis variant.
* **Form Factor:** Enclosed metal frame designed for chassis mounting in industrial racks or medical equipment.
* **Terminal Block:** Heavy-duty screw terminals to handle the 5.3A continuous load without resistive heating.
---
### 4. Typical Applications
Because of its 57V output and CC/CV (Constant Current/Constant Voltage) profile, it is commonly used for:
* Charging **48V Battery Systems** (which require ~54-57V to reach full charge).
* Powering LED lighting arrays.
* Industrial automation systems requiring stable high-voltage DC.
- ⤷How do I calibrate the Constant Current limit on this specific model?
- ⤷ Is the EVS57-5R3-R suitable for parallel operation with other units?
- ⤷ What are the specific safety certifications (UL/EN) for this power supply?