EX76242-RATT
AI

The **EX76242-RATT** is a high-performance industrial-grade managed Ethernet switch, typically manufactured by **EtherWAN**. It is designed for harsh environments such as traffic control, industrial automation, and outdoor surveillance.
---
## 1. Core Technical Specifications
The "RATT" designation specifically refers to its port configuration and compliance standards.
| Feature | Specification |
| :--- | :--- |
| **Total Ports** | 24 Ports + 4 Uplink Slots |
| **Ethernet Speed** | 10/100/1000BASE-T (Gigabit) |
| **SFP Slots** | 4 x 100/1000BASE SFP (Fiber Optic Support) |
| **PoE Support** | IEEE 802.3at/af (PoE+) |
| **Management Type** | Layer 2 managed (L3 Lite options available) |
| **Operating Temp** | -40°C to 75°C (-40°F to 167°F) |
---
## 2. Key Electronic Components & Technologies
The internal architecture of the EX76242-RATT focuses on reliability and power efficiency.
### A. Power Over Ethernet (PoE) Hardware
The device features **PoE+** capabilities. This allows it to deliver up to **30 Watts** per port.
- **Internal PD (Powered Device) Controller:** Manages voltage handshake to prevent damage to non-PoE devices.
- **Power Budget:** Usually ranges from 240W to 720W depending on the specific power supply unit (PSU) paired with the chassis.
### B. Ruggedized Circuits
- **Surge Protection:** Equipped with high-level ESD (Electrostatic Discharge) protection and surge protection on both data and power lines (typically up to 6KV).
- **Fanless Design:** The electronic components are mounted to a heat-conductive chassis, eliminating mechanical fans which are common failure points in dusty environments.
### C. Redundancy Protocols
The firmware and hardware support sub-50ms recovery times via proprietary and standard protocols:
- **Alpha-Ring:** EtherWAN’s proprietary ring topology for rapid recovery.
- **IEEE 802.1w RSTP:** Standard Rapid Spanning Tree Protocol.
---
## 3. Physical Interface & Connectors
The physical layout is optimized for rack mounting.
1. **RJ45 Ports:** 24 Gold-plated 8P8C connectors for high conductivity and corrosion resistance.
2. **SFP Cages:** 4 slots for Small Form-factor Pluggable transceivers (LC connectors).
3. **Console Port:** Usually an RJ45 or Mini-USB port for CLI (Command Line Interface) management.
4. **Relay Output:** A physical dry contact alarm that triggers during power or link failure.
---
## 4. Typical Use Cases
* **Smart Cities:** Connecting IP cameras and traffic sensors.
* **Power Utilities:** IEC 61850-3/IEEE 1613 compliance for substation environments.
* **Railways:** EN 50121-4 certification for trackside electronic installations.
- ⤷
What is the maximum power budget for the PoE version of this switch?
- ⤷ Does this model support Layer 3 routing features?
- ⤷ Which SFP modules are compatible with the EX76242-RATT?