EX87424-R21W
AI

The **EX87424-R21W** is an industrial-grade, managed Ethernet switch designed primarily for harsh environments such as power substations, transportation systems, and industrial automation. It belongs to the EtherWAN EX87000 series.
Below is a breakdown of its electronic components, specifications, and architecture.
---
### 1. Port Configuration & Hardware Interface
The device is characterized by its high-density port layout and modular flexibility.
| Component | Specification |
| :--- | :--- |
| **Copper Ports** | 24 x 10/100BASE-TX (RJ45) |
| **Combo/Uplink Ports** | 4 x Gigabit Combo (10/100/1000BASE-T or SFP slots) |
| **Console Port** | 1 x RS-232 (RJ45) for out-of-band management |
| **Alarm Contact** | 1 x Relay output (24VDC @ 1A) for event notification |
### 2. Processing and Switching Architecture
The internal electronic architecture is designed for high-speed packet processing and low latency.
* **Switching Capacity:** Typically 12.8 Gbps non-blocking fabric, ensuring all ports can operate at wire speed simultaneously.
* **MAC Address Table:** Supports up to 8,000 entries, allowing it to handle large industrial networks.
* **Packet Buffer:** Built-in memory (usually 2Mbits to 4Mbits) to prevent data loss during traffic bursts.
* **Management Processor:** An embedded RISC-based processor handles the firmware, SNMP, and web management interface.
### 3. Power Supply Units (PSU)
The "R21W" suffix usually denotes specific power configurations:
* **Input Voltage:** Redundant power inputs (often 100-240VAC or high-voltage DC options).
* **Protection:** Integrated OVP (Over Voltage Protection) and reverse polarity protection.
* **Isolation:** High-level isolation between power circuits and data ports to prevent damage from surges.
### 4. Environmental & Physical Electronics
The electronic components are chosen for "Hardened" specifications:
* **Temperature Grade:** Components are rated for **-40°C to 75°C** (-40°F to 167°F) operation.
* **Housing:** Fanless design utilizing a metal chassis as a heat sink to prevent mechanical failure points.
* **PCB Coating:** Often includes conformal coating options to protect against humidity and corrosion.
### 5. Compliance and Standards
The electronics are tested to meet rigorous industrial standards:
* **IEEE 802.3x:** Flow Control.
* **IEEE 802.1p:** Quality of Service (QoS).
* **IEC 61850-3 / IEEE 1613:** Standards for electronic equipment in power substations (EMI/EMC immunity).
---
- ⤷What are the specific power input options for the R21W model?
- ⤷ Does this switch support Power over Ethernet (PoE) on any ports?
- ⤷ How does the 'Combo Port' functionality affect total port count?