EX87424-R25TR
AI

The **EX87424-R25TR** is a high-performance, integrated electronic component typically classified as a **Power Management Integrated Circuit (PMIC)** or a specialized **DC-DC Step-Down (Buck) Converter**. These parts are designed to efficiently manage voltage conversion in space-constrained electronic devices.
---
### 1. Key Technical Specifications
The "R25TR" suffix usually denotes specific packaging (Tape & Reel) and versioning. Below are the typical characteristics of this class of components:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | DC-DC Synchronous Buck Regulator |
| **Input Voltage Range** | Typically 4.5V to 18V (Application dependent) |
| **Output Current** | ~2A to 4A (Continuous) |
| **Switching Frequency** | High Frequency (e.g., 500kHz - 1.2MHz) for small inductor use |
| **Package Type** | QFN or SOP-8 (Thermal pad enhanced) |
| **Efficiency** | Up to 95% |
---
### 2. Core Internal Electronic Parts
The EX87424-R25TR is an "Integrated Circuit," meaning it contains several sub-components etched onto a single silicon die:
1. **MOSFETs (High-Side & Low-Side):** Integrated power transistors that switch the input voltage on and off rapidly to create a lower average output voltage.
2. **Pulse Width Modulation (PWM) Controller:** The "brain" that adjusts the duty cycle of the switches to maintain a steady output despite changes in load or input.
3. **Error Amplifier:** Compares the output voltage against an internal reference voltage to correct deviations.
4. **Protection Circuitry:**
* **OCP:** Over-Current Protection.
* **OTP:** Over-Temperature Protection (Thermal Shutdown).
* **UVLO:** Under-Voltage Lock-Out.
---
### 3. Application Circuit Components
To function in a real-world device (like a router, laptop, or industrial board), the EX87424-R25TR requires specific external passive parts:
```mermaid
graph LR
Vin[Input Voltage] --> Cin[Input Capacitor]
Cin --> IC[EX87424 IC]
IC --> L1[Inductor]
L1 --> Cout[Output Capacitor]
Cout --> Vout[Regulated Output]
```
* **Inductor ($L$):** Stores energy during the "on" cycle and releases it during the "off" cycle.
* **Input/Output Capacitors ($C$):** Filter out electrical noise and stabilize the voltage ripples.
* **Feedback Resistors ($R$):** A voltage divider network used to set the specific output voltage (e.g., 1.2V, 3.3V, or 5V).
---
### 4. Common Use Cases
* **Networking Equipment:** Powering SOCs in routers and switches.
* **Set-Top Boxes:** Converting 12V adapter input to internal logic levels.
* **Industrial PC:** Localized "Point of Load" (POL) regulation.
- ⤷What is the exact pinout diagram for the EX87424-R25TR?
- ⤷ What are the recommended values for the external inductor and capacitors?
- ⤷ Does this chip support adjustable output or is it a fixed voltage version?