EX87424-R2ST
AI

The **EX87424-R2ST** is an industrial-grade Managed Ethernet Switch manufactured by **EtherWAN**. It is designed for harsh environments, providing high-reliability connectivity for automation, surveillance, and transportation networks.
---
## 1. Core Technical Specifications
The EX87424 series is characterized by its "All-Gigabit" design and specific port configuration denoted by the suffix "R2ST".
| Feature | Specification |
| :--- | :--- |
| **Total Ports** | 28 Ports |
| **Copper Ports** | 24 x 10/100/1000BASE-T (RJ45) |
| **Fiber Ports** | 4 x 1000BASE-SX/LX/BX (SFP Slots) |
| **Management** | Layer 2 Managed (Web, SNMP, Telnet, CLI) |
| **Form Factor** | 1U 19" Rackmount |
| **Operating Temp** | -40°C to 75°C (-40°F to 167°F) |
---
## 2. Key Electronic Components & Subsystems
### A. Switching Fabric (The Brain)
The device utilizes high-performance Application-Specific Integrated Circuits (ASICs) capable of **Wire-Speed Switching**. This ensures that all 28 ports can handle full-duplex traffic simultaneously without packet loss or bottlenecks.
### B. Industrial-Grade Power Supply
Unlike commercial switches, the EX87424-R2ST features:
* **Redundant Power Inputs:** Protects against power failure at the source.
* **Voltage Range:** Typically supports wide DC inputs (e.g., 12-48VDC) or specialized AC options.
* **Reverse Polarity Protection:** Prevents circuit damage if power wires are crossed during installation.
### C. Physical Layer (PHY) & Protection
The "R2ST" designation often refers to specific connector types or hardening levels.
* **ST Connectors:** If fiber is integrated (not SFP), it uses ST (Straight Tip) bayonet-style connectors, which are vibration-resistant.
* **Surge Protection:** The RJ45 ports include high-level ESD (Electrostatic Discharge) and Surge protection (typically up to 6KV) to survive lightning strikes or industrial power surges.
---
## 3. Advanced Electronic Features
### Redundancy Protocols
The firmware and internal logic support hardware-accelerated redundancy:
* **Alpha-Ring:** EtherWAN’s proprietary recovery protocol (< 15ms recovery time).
* **IEEE 802.1w RSTP & 802.1s MSTP:** Standardized spanning tree protocols for loop prevention.
### Diagnostic Monitoring (DDM)
The SFP slots support **Digital Diagnostic Monitoring**. This allows the switch to electronically monitor fiber optic parameters such as:
* Optical Output Power
* Optical Input Power
* Temperature
* Laser Bias Current
---
## 4. Hardware Architecture Summary
```mermaid
graph TD
A[Power Input Redundant] --> B[Internal Voltage Regulator]
B --> C[Switching ASIC / CPU]
C --> D[24x Gigabit RJ45 Ports]
C --> E[4x Gigabit SFP/ST Slots]
C --> F[Flash Memory / RAM]
F --> G[L2 Management OS]
```
---
- ⤷
Does the EX87424-R2ST support Power over Ethernet (PoE) on its copper ports?
- ⤷ What are the specific environmental certifications (like NEMA TS2 or IEC 61850) for this model?
- ⤷ How do I configure the Alpha-Ring redundancy on this specific hardware?