F17350BD-R
AI

The **F17350BD-R** is a specific technical code for an Epson printhead assembly, commonly used in wide-format and industrial inkjet printers. It is the core electronic and mechanical component responsible for the precise delivery of ink onto a substrate.
---
### 1. Key Technical Specifications
Below are the primary electronic and physical characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Technology** | PrecisionCore MicroTFP (Thin Film Piezoelectric) |
| **Nozzle Count** | 400 nozzles per row (multiple rows) |
| **Native Resolution** | 300 npi / 600 npi per row |
| **Droplet Size** | Variable Droplet Technology (Multi-size dots) |
| **Max Frequency** | Up to 50 kHz |
| **Ink Compatibility** | Aqueous (Water-based) and Dye Sublimation |
---
### 2. Electronic Components & Functionality
The "R" in the part number often signifies a specific revision or a "Refurbished/Replacement" designation in certain supply chains, but the electronics remain consistent:
#### A. Piezoelectric Actuators
The heart of the F17350BD-R is the **PZT (Lead Zirconate Titanate)** crystal.
- When an electrical pulse is applied, the crystal deforms physically.
- This mechanical movement creates a pressure wave in the ink chamber, forcing a droplet out of the nozzle.
#### B. Integrated Circuit (IC) Drivers
The printhead contains onboard driver chips that interpret serial data from the main printer logic board. These ICs:
- Convert low-voltage data signals into high-voltage driving pulses.
- Control the timing of individual nozzle firing to ensure image alignment.
#### C. Flexible Flat Cable (FFC) Interface
The electronic connection is made via high-density gold-plated contacts. These pins carry:
- **Vpp/Vhold:** High voltage for the piezo firing.
- **Logic Voltage:** Power for the internal ICs.
- **Clock & Data:** Serial signals defining which nozzles fire.
- **Temperature Sensing:** Thermistors that monitor heat to prevent damage and adjust ink viscosity calculations.
---
### 3. Usage and Compatibility
This part is predominantly found in the **Epson SureColor** series, specifically designed for high-speed production environments.
* **Primary Models:** Epson SC-T Series (Technical) and SC-F Series (Sublimation).
* **Maintenance:** Because it is an electronic precision part, it is highly sensitive to **electrostatic discharge (ESD)** and air bubbles in the ink line.
---
### 4. Code Block: Sample Signal Logic (Conceptual)
In a simplified view, the data sent to the F17350BD-R electronics follows this logic:
```c
// Conceptual representation of nozzle firing logic
void fire_nozzle(int nozzle_id, int droplet_size) {
if (droplet_size == LARGE) {
apply_voltage(V_MAX, PULSE_LONG);
} else if (droplet_size == SMALL) {
apply_voltage(V_MIN, PULSE_SHORT);
}
// Synchronize with Encoder Strip for X-axis position
}
```
- ⤷
Which Epson printer models are most compatible with the F17350BD-R?
- ⤷ What are the common signs of electronic failure in this printhead?
- ⤷ How does 'Variable Droplet Technology' work electronically in this part?