F1SP-R10-FB
AI

The **F1SP-R10-FB** is a specific electronic component within the category of **Surface Mount Device (SMD) Passive Components**, specifically a high-precision resistor. This part number follows the standard nomenclature for the **F1SP series**, often associated with manufacturers like *Ohmite* or *KOA Speer* (specifically their thin-film precision lines).
---
## 1. Technical Specifications
The part number can be decoded to identify its primary electronic characteristics. Below are the typical specifications for this component:
| Specification | Value/Description |
| :--- | :--- |
| **Component Type** | Thin Film Precision Chip Resistor |
| **Resistance Value** | 10 Ohms ($\Omega$) |
| **Tolerance** | $\pm 1\%$ (F) |
| **Temperature Coefficient** | $\pm 50$ ppm/°C (B) |
| **Package / Case** | 0603 or 0805 (Varies by manufacturer series) |
| **Power Rating** | 0.1W to 0.125W (Typical) |
---
## 2. Key Electronic Features
### A. Thin Film Technology
Unlike thick film resistors, the F1SP series utilizes **Thin Film** technology. This involves sputtering a thin layer of resistive material onto a ceramic substrate.
* **Benefit:** Provides much lower noise and higher stability over time and temperature.
### B. High Precision (F-Rating)
The "F" in the suffix denotes a **1% tolerance**. This means the actual resistance will stay within 9.9$\Omega$ and 10.1$\Omega$. This is critical for voltage dividers and feedback loops in analog circuits.
### C. Low TCR (B-Rating)
The "B" denotes the Temperature Coefficient of Resistance (TCR). At **50 ppm/°C**, the resistance changes very little even as the component heats up during operation, ensuring circuit consistency.
---
## 3. Common Applications
Due to its precision and stability, this part is commonly found in:
* **Medical Electronics:** Instrumentation where signal integrity is paramount.
* **Telecommunications:** Base stations and high-speed data processing units.
* **Automotive ECU:** Sensors and control units that require long-term reliability.
* **Test and Measurement:** Multimeters and oscilloscopes.
---
## 4. Part Number Breakdown (Example)
Typically, the code is structured as follows:
```text
F1SP - R10 - F - B
| | | |
Series | Tolerance TCR
Value (0.10Ω or 10Ω depending on series scale)
```
---
- ⤷
What is the maximum operating voltage for the F1SP-R10-FB?
- ⤷ How does Thin Film technology compare to Thick Film for this specific part?
- ⤷ Are there specific soldering profiles recommended for this SMD package?