F1SQ-R10-JB
AI

The **F1SQ-R10-JB** is a specific part number typically associated with the **F1SQ Series** of compact, high-performance image processing systems (Smart Sensors) manufactured by **Omron**.
Below is a detailed breakdown of its electronic components, technical specifications, and functions.
---
## 1. Technical Specifications
This device is an integrated vision sensor designed for industrial automation, focusing on high-speed inspection and pattern recognition.
| Feature | Specification |
| :--- | :--- |
| **Model Type** | Compact Smart Sensor (F1SQ Series) |
| **Resolution** | Standard VGA or higher (depending on configuration) |
| **Input Voltage** | 20.4 to 26.4 VDC |
| **Current Consumption** | Approx. 0.5A max |
| **Interface** | RS-232C / Ethernet (via adapter) / Parallel I/O |
| **Operating Temperature** | 0 to 50°C |
---
## 2. Key Electronic Components
### A. The Image Processing Engine
The "brain" of the F1SQ-R10-JB is a specialized Digital Signal Processor (DSP) or Application-Specific Integrated Circuit (ASIC).
- **Function:** It performs real-time edge detection, feature extraction, and pattern matching.
- **Logic:** It uses the "Real-color" sensing technology to process images based on 16.7 million colors, allowing it to distinguish subtle color differences that monochrome sensors cannot.
### B. I/O Interface (Input/Output)
The electronic architecture includes several physical connection points for integration:
1. **Trigger Inputs:** Opto-isolated inputs that tell the sensor when to capture an image (usually linked to a PLC or proximity sensor).
2. **Parallel Outputs:** Dedicated pins for "OK/NG" (Pass/Fail) signals and busy status.
3. **Serial Communication:** An RS-232C port used for data output (like coordinates or measurement values) to a PC or HMI.
### C. Optical System Interface
The unit features a dedicated connector for the camera head. The electronic signal path ensures:
- High-speed data transfer between the CMOS/CCD head and the controller.
- Synchronization of the LED strobe light to the shutter speed of the sensor.
---
## 3. Operational Features
The F1SQ-R10-JB is electronically designed to handle the following tasks:
1. **Search & Alignment:** Finds the position of a workpiece within the field of view.
2. **Color Verification:** Uses RGB decomposition to ensure parts are the correct color.
3. **Defect Inspection:** Detects scratches, dust, or missing components by comparing the live image to a "Master" image stored in its internal flash memory.
---
## 4. Wiring Diagram Overview
*Note: Always refer to the official Omron manual for pin assignments.*
```text
Power Supply (24VDC) ----> [V+]
----> [V-]
PLC Trigger Out ----> [TRIG Input]
Controller Status ----> [BUSY Output]
Inspection Result ----> [GATE/OR Output]
```
---
- ⤷
What are the compatible camera heads for the F1SQ series?
- ⤷ How do I configure the RS-232C communication settings for this device?
- ⤷ Does the F1SQ-R10-JB support DIN rail mounting?