F1SQ-R100-FT
AI

The **F1SQ-R100-FT** is a specialized electronic component primarily used in industrial automation and precision measurement. It is most commonly identified as a **Fiber Optic Sensor Head** or a **Displacement Sensor** component, often manufactured by companies like Omron in their F1SQ series.
Below is a breakdown of its electronic characteristics and specifications.
---
### ## Technical Specifications
| Feature | Specification Details |
| :--- | :--- |
| **Type** | Reflective Fiber Optic Sensor Head |
| **Sensing Distance** | Typically 100mm (nominal range) |
| **Light Source** | Red LED or Laser Diode (Model dependent) |
| **Beam Diameter** | Approx. 0.1mm to 0.5mm (High Precision) |
| **Response Time** | High-speed (microsecond range) |
| **Connection Type** | Fiber cable integrated with a specialized connector |
---
### ## Core Electronic Components
The device operates as part of a two-stage system: the **Sensor Head** (the F1SQ-R100-FT) and the **Amplifier Unit**.
1. **Optical Transmitter:**
* Uses a high-intensity LED or Laser to emit a focused beam of light through the fiber optic core.
2. **Fiber Core:**
* Constructed from high-grade plastic or glass fibers. The "R" in the model often signifies a **Reflective** type, where the emitter and receiver fibers are bundled together.
3. **Optical Receiver:**
* Captures the reflected light from the target object and sends it back to the amplifier unit via the return fiber.
4. **Housing/Mounting:**
* Usually features a threaded metal sleeve (M3 or M4) for precise positioning in tight industrial spaces.
---
### ## Operating Principle
The F1SQ-R100-FT works on the principle of **light intensity variation** or **triangulation**:
* **Emission:** The amplifier unit generates an electronic pulse, converted into light by the internal LED.
* **Transmission:** Light travels through the F1SQ-R100-FT fiber head and hits the target.
* **Reflection:** The light bounces off the target and enters the receiving fiber.
* **Conversion:** The amplifier receives the reflected light, converts it back into an electrical signal (Voltage or Current), and compares it to a threshold to determine the presence or distance of an object.
---
### ## Key Applications
* **Wafer Detection:** Used in semiconductor manufacturing to detect the presence of silicon wafers.
* **Small Part Counting:** Reliable for sensing tiny electronic components on a high-speed conveyor.
* **Positioning:** Used in robotics for end-of-arm tooling to ensure precise placement.
- ⤷
Which amplifier units are compatible with the F1SQ series?
- ⤷ What is the maximum operating temperature for the F1SQ-R100-FT?
- ⤷ How does a reflective fiber sensor differ from a through-beam fiber sensor?