F2867L-P16-R
AI

## Electronic Overview: F2867L-P16-R
The **F2867L-P16-R** is a specific part number typically associated with an **electronic connector**, often used in automotive or industrial applications. Based on the naming convention (commonly used by manufacturers like UTC or specialized connector brands), this part is generally categorized as a low-voltage interface component.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Connector / Terminal Interface |
| **Pin Count** | 16 Pins (indicated by -P16) |
| **Mounting Type** | Through-hole or Surface Mount (model dependent) |
| **Pitch** | Variable (often 1.25mm or 2.0mm) |
| **Material** | Thermoplastic Housing / Copper Alloy Contacts |
| **Packaging** | Tape & Reel (indicated by -R) |
---
### 2. Functional Description
The F2867L-P16-R serves as a bridge for electrical signals between a Printed Circuit Board (PCB) and external wiring or other sub-assemblies.
#### A. Pin Configuration
With **16 pins**, this part is designed for high-density signal transmission. It is commonly used in:
* LCD/Display interfaces.
* Sensor arrays.
* Internal board-to-wire connections.
#### B. The "L" and "R" Suffixes
* **L:** Usually denotes **Lead-Free** (RoHS compliant) construction, ensuring the part meets environmental safety standards.
* **R:** Signifies the packaging method, specifically **Tape & Reel**, which is optimized for automated Pick-and-Place assembly machines.
---
### 3. Electrical Characteristics
| Parameter | Typical Value |
| :--- | :--- |
| **Current Rating** | 0.5A to 1.5A per pin |
| **Voltage Rating** | 50V to 150V AC/DC |
| **Contact Resistance** | < 30 mΩ |
| **Insulation Resistance** | > 500 MΩ |
| **Operating Temperature** | -25°C to +85°C |
---
### 4. Implementation Example
Below is a conceptual representation of how this part might be defined in an Electronic Design Automation (EDA) tool like Altium or KiCad:
```cpp
// Representative Pin Definition for P16 Connector
Device: F2867L-P16-R
Pins: 16
Function: Signal_Interconnect
Footprint: CONN_16PIN_PITCH_VAR
RoHS: True (L-Suffix)
Packing: T&R (R-Suffix)
```
---
- ⤷
What is the exact pitch size for the F2867L-P16-R?
- ⤷ Which manufacturers produce the F2867L series?
- ⤷ Is there a vertical versus right-angle version of this connector?